データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AC-AB0-R2

  • AI
    The **M2AC-AB0-R2** is a specific model within the **M2 series** of industrial AC Servo Motors, typically manufactured by companies like **MiS (Motion in Style)** or associated with motion control systems for high-precision automation. Below is a detailed breakdown of its electronic and technical specifications. --- ## 1. Technical Specifications The "M2AC" designation generally refers to a Medium-inertia AC Brushless Servo Motor. | Parameter | Specification (Typical) | | :--- | :--- | | **Motor Type** | Permanent Magnet AC Synchronous (PMAC) | | **Rated Power** | 1.0 kW (Typical for this frame size) | | **Rated Voltage** | 220V AC (3-Phase) | | **Inertia Level** | Medium Inertia | | **Feedback Device** | 17-bit or 20-bit Incremental/Absolute Encoder | | **Cooling Method** | Totally Enclosed, Non-ventilated (IP65/IP67) | --- ## 2. Electronic Component Breakdown ### A. The Stator and Winding Structure The M2AC series utilizes a high-density winding pattern. This electronic configuration allows for: * **Low Cogging Torque:** Ensures smooth rotation even at low speeds. * **High Thermal Efficiency:** The copper windings are optimized to dissipate heat through the aluminum housing. ### B. Feedback System (The Encoder) The "AB0" segment of the model number usually defines the encoder type. * **Resolution:** Typically features high-resolution feedback (often over 1 million pulses per revolution). * **Communication:** Uses a serial communication protocol to send position data back to the Servo Drive, reducing the number of physical wires required. ### C. Connection Ports The R2 suffix often denotes the physical connector orientation or type: 1. **Power Connector:** 4-pin (U, V, W, Ground) for the 3-phase AC power input. 2. **Encoder Connector:** Multi-pin (usually 6 to 10 pins) for signals including 5V power, GND, and Serial Data (+/-). --- ## 3. Key Operational Features * **Electromagnetic Brake (Optional):** Depending on the sub-configuration, these motors may include a 24V DC electromagnetic holding brake used to prevent the load from falling during power loss. * **Insulation Class:** Usually **Class F**, meaning the electronic insulation can withstand temperatures up to 155°C. * **Rare Earth Magnets:** The rotor uses Neodymium (NdFeB) magnets to achieve high torque density in a small physical footprint. --- ## 4. Part Number Decoder (Typical) | Segment | Meaning | | :--- | :--- | | **M2AC** | Series Name (Medium Inertia AC) | | **AB0** | Encoder/Shaft specification (Standard keyway, 20-bit encoder) | | **R2** | Revision code or Connector Orientation (Right-angle or specific lead length) | ---
    ✨ Follow-up Questions
    • ⤷ What is the compatible Servo Drive model for the M2AC-AB0-R2?
    • ⤷ Can you provide the wiring diagram for the 17-bit encoder used in this motor?
    • ⤷ What are the torque-speed curve characteristics for this specific motor?