データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AC-AC4-R2/Q

  • AI
    The **M2AC-AC4-R2/Q** is a specialized electronic component, typically associated with signal conditioners or isolators used in industrial automation (frequently manufactured by companies like M-System). Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Identification This device is a **Potentiometer Transmitter**, designed to detect the position of a potentiometer (resistance change) and convert it into a standard analog signal (voltage or current). | Part Segment | Description | | :--- | :--- | | **M2AC** | Model Series (Compact Signal Conditioner) | | **AC4** | Input Type: Potentiometer (Total resistance 100 $\Omega$ to 10 k$\Omega$) | | **R2** | Output Type: 4 – 20 mA DC | | **Q** | Optional specification (often indicates specific coatings or testing) | --- ## 2. Core Electronic Specifications The internal circuitry focuses on high precision, isolation, and stability. ### Input & Output Parameters * **Input (Potentiometer):** Total resistance range between $100\ \Omega$ and $10\ \text{k}\Omega$. * **Output:** 4 – 20 mA DC (Current Loop). * **Load Resistance:** Maximum $550\ \Omega$. * **Accuracy:** Typically $\pm 0.1\%$ of span. ### Power Supply * **Operational Voltage:** 24V DC. * **Power Consumption:** Approx. 2.0W (80 mA at 24V). --- ## 3. Internal Circuitry Blocks The device is composed of four primary electronic stages: 1. **Reference Voltage Source:** Provides a stable voltage to the potentiometer to sense the wiper position. 2. **Signal Amplifier:** High-impedance op-amp stage that scales the varying resistance into a linear voltage. 3. **Isolation Barrier:** Optical or Magnetic isolation that separates the input, output, and power supply to prevent ground loops. 4. **Current Driver:** Converts the processed signal into a regulated 4-20mA output. --- ## 4. Physical & Terminal Layout The unit is designed for DIN rail mounting and features screw terminals. | Terminal | Function | | :--- | :--- | | **1 - 3** | Potentiometer Connections (CW, CCW, Wiper) | | **4 - 5** | Analog Output (+ / -) | | **6 - 7** | Power Supply Input (24V DC) | --- ## 5. Key Electronic Features * **Zero/Span Adjustment:** Includes front-facing potentiometers for fine-tuning the 0% and 100% signal points. * **Isolation Resistance:** Usually rated for $100\ \text{M}\Omega$ at $500\ \text{V DC}$. * **Dielectric Strength:** Capable of withstanding $2000\ \text{V AC}$ for 1 minute between input/output/power. ---
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span on this specific unit?
    • ⤷ What is the maximum distance allowed for the input potentiometer wiring?
    • ⤷ Can this unit be used with a 3-wire RTD instead of a potentiometer?