データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AC-AD1-R2SLASHQ

  • AI
    The **M2AC-AD1-R2/Q** is a high-performance analog-to-digital (A/D) conversion module, typically part of the **M2 Series** produced by **M-System**. These modules are signal conditioners designed for industrial automation, providing isolation and precision conversion between various electrical signals. --- ## 1. Technical Specifications The model name can be broken down into specific electronic characteristics: | Component Code | Description | | :--- | :--- | | **M2AC** | Series identifier (Plug-in Signal Conditioner) | | **AD1** | **Input:** 4 – 20 mA DC | | **R2** | **Power Input:** 110V AC (Standard range 100 – 120V AC) | | **Q** | **Option:** Special specification or specific coating (often conformal coating) | ### Key Electrical Parameters * **Accuracy:** Typically ±0.1% of span. * **Response Time:** Approx. 0.5 seconds (0 to 90%). * **Isolation:** 2000V AC @ 1 minute (Input to output to power to ground). * **Output:** Standard DC voltage or current (depending on the internal jumper settings, often 4-20mA or 1-5V). --- ## 2. Electronic Architecture The internal circuitry consists of several critical stages to ensure signal integrity in noisy industrial environments: ### A. Input Stage * **Shunt Resistor:** For the `AD1` (Current input), the device uses a precision low-drift resistor to convert the 4-20mA current into a proportional voltage. * **Protection:** Surge protectors and filters to prevent damage from line noise. ### B. Isolation Barrier * **Optical/Magnetic Isolation:** This is the "heart" of the device. It electrically decouples the input loop from the output loop. This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges on the field side. ### C. Signal Conditioning & Output * **Amplification:** Operational amplifiers (Op-Amps) scale the signal to the desired range. * **Zero/Span Adjustment:** Potentiometers located on the front of the unit allow for fine-tuning the electronic offset and gain. --- ## 3. Terminal Connection Map The module uses a base socket (typically M2 series 8-pin or 11-pin) for wiring: | Terminal No. | Function | | :--- | :--- | | **1 & 2** | Output (+ / -) | | **4 & 5** | Input (+ / -) | | **7 & 8** | Power Supply (L / N) | | **G** | Ground | --- ## 4. Maintenance and Usage Because this is an analog electronic component, it is subject to **thermal drift**. It is recommended to: 1. Allow a **5-minute warm-up** period after powering on. 2. Use the front-facing **Zero and Span** trimmers to recalibrate if the signal deviates over years of use. 3. Ensure the `/Q` specification (if it refers to conformal coating) is maintained by keeping the unit free of excessive moisture or conductive dust.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD1 and AD4 input codes in the M2 series?
    • ⤷ How do I perform a manual calibration using the Zero and Span trimmers?
    • ⤷ Can this module be used with a 24V DC power supply instead of 110V AC?