データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AC-AD5-R

  • AI
    The **M2AC-AD5-R** is a specific electronic component, typically categorized as a **Signal Conditioner** or **Isolator** manufactured by companies like **M-System** (now MG CO., LTD). It is designed to convert an alternating current (AC) input into a standard DC output signal while providing electrical isolation. --- ### 1. Key Technical Specifications The model name follows a specific nomenclature that defines its electronic characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input** | 0 – 5A AC | Designed to measure current from CTs (Current Transformers). | | **Output** | 4 – 20mA DC | Standard industrial current loop output. | | **Power Input** | 24V DC | The voltage required to operate the device. | | **Isolation** | 3-way isolation | Isolates Input, Output, and Power from each other. | | **Accuracy** | ±0.3% | High precision for industrial monitoring. | --- ### 2. Functional Electronic Components The internal circuitry of the M2AC-AD5-R consists of several critical stages: #### A. Input Stage (AC Sensing) * **Current Transformer (Internal):** The device usually contains a small internal CT to step down the 5A input to a millivolt level for processing. * **Rectifier/Filter:** Converts the AC waveform into a pulsating DC signal. #### B. Signal Processing * **RMS Converter:** Many "AD" series units use a Mean Value Rectification circuit (calibrated to the RMS of a sine wave) to determine the magnitude of the current. * **Zero/Span Adjustments:** Potentiometers located on the front panel allow for fine-tuning the 4mA (Zero) and 20mA (Span) points. #### C. Isolation & Output * **Optical/Magnetic Isolator:** Ensures that high-voltage surges on the input side do not damage the PLC or Controller on the output side. * **Output Driver:** A constant-current circuit that maintains the 4-20mA signal regardless of the load resistance (up to a certain limit, usually 550Ω). --- ### 3. Connection Diagram (Simplified) Below is a typical wiring representation for this module: ```text Input (AC 0-5A) Power (24V DC) Output (4-20mA) [Term 1] ------------- [+] [Term 7] (+) [Term 2] ------------- [-] [Term 8] (-) | [PLC / Controller] ``` ### 4. Application Use Case This part is commonly used in **Motor Control Centers (MCC)**. It takes the output from a large industrial Current Transformer (e.g., 500:5A) and converts that 5A signal into a 4-20mA signal that a PLC can understand to monitor motor load or detect over-current conditions. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the 4-20mA output?
    • ⤷ How do I calibrate the Zero and Span on this specific model?
    • ⤷ Can this unit handle non-sinusoidal (distorted) AC waveforms?