データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AC-AZZ-R

  • AI
    The **M2AC-AZZ-R** is a specific model of a **Solid State Relay (SSR)** manufactured by **IDEC**. It belongs to the M2 series, which is designed for industrial switching applications where high reliability and silent operation are required. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) | | **Control Voltage (Input)** | 4 - 32V DC | | **Load Voltage (Output)** | 24 - 240V AC | | **Maximum Load Current** | 20A (typically, depending on heatsink) | | **Switching Type** | Zero-Cross Switching | | **Isolation** | Photocoupler (Optical Isolation) | | **Termination** | Screw Terminals | --- ### Key Components and Functions #### 1. Input Circuit (Control Side) The input operates on a wide DC range (4-32V). This allows it to be driven directly by PLCs, microcontrollers, or logic circuits. It contains an internal **LED** (part of the optocoupler) that triggers the switching process without physical contact. #### 2. Optical Isolation The "AZZ" designation often implies high-performance isolation. A photocoupler separates the low-voltage control side from the high-voltage AC load side, protecting sensitive electronics from electrical noise and surges. #### 3. Zero-Cross Switching The **"R"** in the suffix often denotes high reliability or specific RoHS compliance features, but the core function is **Zero-Cross Switching**. * **How it works:** The relay only turns on when the AC load voltage is near zero volts. * **Benefit:** This minimizes "Inrush Current" and electromagnetic interference (EMI), which protects the load and extends the life of the relay. #### 4. Power Switching Element (Output Side) The output typically utilizes a **Triac** or a pair of **SCRs** (Silicon Controlled Rectifiers). Unlike mechanical relays, there are no moving parts, meaning: * No contact arcing. * No mechanical wear. * Extremely fast response times. --- ### Application Usage This part is commonly found in industrial environments for: * **Heater Control:** Precise temperature regulation via PID controllers. * **Motor Control:** Small AC motors where frequent switching is required. * **Lighting Systems:** Large-scale AC lighting arrays. * **Solenoid Valves:** Rapid cycling of pneumatic or hydraulic valves. --- ### Comparison: SSR vs. Mechanical Relay | Feature | M2AC-AZZ-R (SSR) | Standard Mechanical Relay | | :--- | :--- | :--- | | **Lifespan** | Very High (Millions of cycles) | Limited (Mechanical fatigue) | | **Switching Speed** | Very Fast (<1ms) | Slow (10ms - 50ms) | | **Acoustic Noise** | Silent | Audible Click | | **Heat Dissipation** | Requires Heatsink at high loads | Generates little heat | ---
    ✨ Follow-up Questions
    • ⤷ What are the heat dissipation requirements for the 20A load version?
    • ⤷ Can this SSR be used with inductive loads like large transformers?
    • ⤷ What is the difference between Zero-Cross and Random Turn-on switching for this model?