データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AC-AZZ-R2/Q

  • AI
    The **M2AC-AZZ-R2/Q** is a specific model identifier typically associated with **M.2 to PCIe adapter cards** or specialized **Solid State Drive (SSD)** modules, often found in industrial or enterprise computing environments. Below is a breakdown of the electronic components and technical specifications generally associated with this part. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Form Factor** | M.2 (Next Generation Form Factor - NGFF) | | **Interface Type** | PCIe (Peripheral Component Interconnect Express) | | **Revision** | R2 (Revision 2.0 - indicates updated PCB layout or components) | | **Keying** | Usually M-Key or B+M Key for compatibility | | **Operating Voltage** | 3.3V (standard for M.2 logic) | | **Compliance** | RoHS, CE, FCC | --- ### 2. Core Electronic Components Based on the "M2AC" nomenclature (M.2 Adapter Card), the device contains several critical electronic stages: #### A. Power Management (VRM) * **Voltage Regulators:** Since the M.2 slot requires a stable 3.3V, these cards often feature DC-DC buck converters to step down power if drawn from a 5V or 12V rail (common in PCIe riser versions). * **Filtering Capacitors:** Surface-mount (SMD) ceramic capacitors (MLCC) are placed near the power pins to reduce high-frequency noise and ensure signal integrity. #### B. Data Transmission Path * **Differential Pairs:** The PCB layout features impedance-controlled traces (usually 85-100 ohms) to handle high-speed PCIe lanes. * **Coupling Capacitors:** Small capacitors (usually 0.1uF) placed in series with the RX/TX lines to block DC bias while allowing AC high-frequency data signals to pass. #### C. Connectivity & Mechanicals * **Gold Fingers:** The connector edge is plated with hard gold to resist oxidation and ensure low-resistance contact over multiple insertion cycles. * **SMT Connector:** A high-density M.2 socket soldered to the board to house the SSD or module. --- ### 3. Suffix Decoding (Theoretical) In industrial electronics, the suffixes often denote specific variations: * **AZZ:** Often refers to a specific hardware configuration or a "null" configuration where no additional heat sink or mounting bracket is included. * **R2:** Revision 2.0. This usually implies a hardware "bug fix" or an upgrade to the PCB's thermal copper thickness compared to R1. * **Q:** Often stands for "Qualified" or "Quick-ship," or may refer to specialized bulk packaging for OEM assembly lines. --- ### 4. Implementation Logic ```mermaid graph LR A[PCIe Slot/Host] --> B[Power Filtering] A --> C[High-Speed Data Lanes] B --> D[M.2 Connector] C --> D D --> E[SSD/M.2 Module] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum PCIe lane support for the R2 revision?
    • ⤷ Is the M2AC-AZZ-R2/Q compatible with NVMe or SATA protocols?
    • ⤷ Are there specific thermal requirements for this electronic module?