データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2ADS-211-R2

  • AI
    The **M2ADS-211-R2** is a high-performance industrial-grade carrier board or embedded controller module, typically designed for use in AI edge computing and machine vision applications. It is most commonly associated with **Avalue Technology** or similar industrial PC manufacturers. --- ## 1. Core System Specifications The board is designed to interface with high-speed modules and provide robust connectivity for industrial automation. | Component | Specification | | :--- | :--- | | **Chipset/Form Factor** | M.2 (M-Key) or specialized carrier interface | | **Processor Support** | Often paired with Intel® Atom™ or Core™ series (depending on host) | | **Memory Interface** | LPDDR4 or DDR4 support (varies by module carrier) | | **Storage** | 1x M.2 M-Key (2242/2280) for NVMe SSD | --- ## 2. Key Electronic Interfaces The electronic design focuses on high-speed data throughput and peripheral expansion: ### A. Expansion Slots * **M.2 M-Key:** Primarily used for high-speed NVMe storage or AI accelerators (like Hailo-8 or Intel Myriad X). * **M.2 E-Key:** Dedicated for wireless connectivity (Wi-Fi 6 / Bluetooth 5.0). * **Mini-PCIe:** Often included for legacy expansion or 4G/LTE cellular modules. ### B. Input/Output (I/O) Logic * **USB 3.2 Gen 2:** High-speed ports providing up to 10Gbps for industrial cameras. * **Serial Ports:** Integrated RS-232/422/485 headers for PLC communication. * **GPIO:** General Purpose Input/Output pins for sensor and actuator control. --- ## 3. Power and Thermal Design Industrial modules like the M2ADS-211-R2 are engineered for reliability in harsh environments. * **Voltage Regulation:** Typically supports a wide DC input range (9V to 36V) to handle fluctuations in industrial power grids. * **Protection Circuits:** Includes Over-Voltage Protection (OVP) and Over-Current Protection (OCP). * **Thermal Management:** Features localized copper pouring for heat dissipation and mounting holes for passive heat sinks or active fan modules. --- ## 4. Common Use Cases 1. **AI Edge Inference:** Hosting AI modules for real-time object detection. 2. **Robotic Controllers:** Managing motor drivers and sensors via GPIO/Serial. 3. **Digital Signage:** High-definition video output via integrated DisplayPort/HDMI headers. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the M2ADS-211-R2?
    • ⤷ Which AI accelerator modules are compatible with this board?
    • ⤷ Does this model support wide-temperature operating ranges (-40C to 85C)?