データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2ADS-2AB-R2

  • AI
    The **M2ADS-2AB-R2** is a high-performance **M.2 (NGFF) to Dual Port RS-232/422/485 Isolated Communication Module**. It is primarily used in industrial computing, embedded systems, and automation to add serial communication capabilities to a motherboard via an M.2 slot. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 B+M Key (2242) | | **Interface** | PCIe 2.0 (x1) | | **Serial Ports** | 2 x RS-232/422/485 (Software Switchable) | | **Data Rate** | Up to 921.6 Kbps | | **Isolation** | 2.5kV Optical Isolation | | **Controller** | XR17V352 (Exar/MaxLinear) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Major Electronic Components The module's architecture is divided into three functional blocks: #### A. The Bridge Controller (XR17V352) This is the "brain" of the module. It is a single-chip **PCIe to Dual UART** bridge. - It handles the conversion of data from the M.2 PCIe bus into serial data. - It features 256-byte TX/RX FIFOs to reduce CPU overhead and prevent data loss at high speeds. #### B. Isolation Circuitry To protect the host system from electrical surges and ground loops in industrial environments, the M2ADS-2AB-R2 uses: - **Optocouplers/Digital Isolators:** These provide a 2.5kV barrier, ensuring that high-voltage spikes on the serial line do not reach the motherboard. - **Isolated DC-DC Converters:** These provide power to the "outer" side of the isolation barrier without a direct electrical connection. #### C. Transceivers and ESD Protection - **Multi-protocol Transceivers:** Integrated circuits that handle the physical voltage levels for RS-232 (+/- 12V) and RS-422/485 (Differential). - **TVS Diodes:** Transient Voltage Suppressor diodes are usually placed near the DB9 connectors to clamp electrostatic discharges (ESD) up to 15kV. --- ### 3. Pinout and Connectivity (DB9) The module typically connects via a ribbon cable to two DB9 male connectors. The pinout depends on the selected mode: | Pin | RS-232 | RS-422 | RS-485 (2-wire) | | :--- | :--- | :--- | :--- | | 1 | DCD | TX- | Data- | | 2 | RXD | TX+ | Data+ | | 3 | TXD | RX+ | -- | | 4 | DTR | RX- | -- | | 5 | GND | GND | GND | --- ### 4. Implementation Logic 1. **Detection:** The BIOS recognizes the module as a PCIe device. 2. **Configuration:** The user selects the mode (232, 422, or 485) via software drivers or onboard jumpers. 3. **Signal Flow:** Data travels from the **M.2 PCIe lanes** → **XR17V352 UART** → **Isolation Barrier** → **Transceivers** → **External Device**. ---
    ✨ Follow-up Questions
    • ⤷ How do I configure the RS-232/422/485 mode switching on this module?
    • ⤷ What are the specific driver requirements for the XR17V352 controller in Linux?
    • ⤷ Does the 2.5kV isolation protect against lightning strikes or just ground loops?