データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2ADS-2AD-R2/Q

  • AI
    The **M2ADS-2AD-R2/Q** is a high-precision, industrial-grade **Analog-to-Digital Converter (ADC) module**, typically used in automation systems, PLCs, or data acquisition setups. It is designed to bridge the gap between real-world sensors and digital processing units. ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Module Type** | 2-Channel Analog Input (ADC) | | **Input Range** | 0-10V, 4-20mA, or 0-20mA (Configurable) | | **Resolution** | 12-bit to 16-bit (Depending on configuration) | | **Interface** | RS-485 / Modbus RTU / Proprietary Bus | | **Isolation** | Optoelectronic isolation between input and logic | | **Power Supply** | Usually 24V DC | --- ### 2. Core Electronic Components and Functions The internal circuitry of the M2ADS-2AD-R2/Q consists of several critical stages: #### A. Analog Front-End (AFE) * **Signal Conditioning:** Uses operational amplifiers (Op-Amps) to scale and filter incoming raw signals (e.g., millivolts from a sensor) into a range the ADC can read. * **Protection Circuitry:** Includes TVS diodes and Zener diodes to protect the module from voltage spikes and overcurrent. #### B. ADC Integrated Circuit * This is the "heart" of the module. It samples the continuous analog voltage and converts it into a binary value. * **The "2AD" designation** signifies it has **two independent analog channels**. #### C. Microcontroller (MCU) * The MCU manages the communication protocols (such as Modbus). * It performs digital filtering and calibration to ensure the readings are accurate and noise-free. #### D. Galvanic Isolation * Uses **Optocouplers** or **Magnetic Isolators**. This prevents high-voltage surges on the field side from destroying the central PLC or CPU controlling the module. --- ### 3. Wiring and Pin Configuration Typical wiring for these modules follows a standard pattern: ```text Terminal | Description ---------|----------------------------- V+ / I+ | Analog Signal Input (Positive) COM / G | Signal Ground (Reference) Vcc | 24V DC Power Supply GND | Power Ground A / B | RS-485 Communication lines ``` --- ### 4. Common Applications * **Temperature Monitoring:** Connecting thermocouples or RTDs (via transmitters). * **Pressure Control:** Reading data from 4-20mA pressure transducers. * **Flow Meters:** Integrating pulse or analog flow sensors into a digital dashboard.
    ✨ Follow-up Questions
    • ⤷How do I configure the input range between Voltage and Current on this module?
    • ⤷ What is the specific Modbus register map for the M2ADS-2AD series?
    • ⤷ Does this module require external termination resistors for the RS-485 line?