データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2ADS-ABA-R2

  • AI
    The **M2ADS-ABA-R2** is a specific part number belonging to the **M2A series** of digital-to-analog expansion modules, typically used in industrial automation (PLCs) or specialized control systems. Below is a breakdown of the electronic components, technical specifications, and internal architecture common to this class of device. --- ## 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Module Type** | Analog Output Expansion Module | | **Output Channels** | 2 Independent Channels | | **Resolution** | 12-bit (typically 0-4095 steps) | | **Output Range (Voltage)** | 0 to 10V DC / 0 to 5V DC | | **Output Range (Current)** | 4 to 20mA / 0 to 20mA | | **Isolation** | Optocoupler isolation between internal logic and output | | **Power Supply** | 24V DC (External) | --- ## 2. Key Internal Electronic Parts The architecture of the M2ADS-ABA-R2 consists of several critical electronic sub-systems: ### A. Digital-to-Analog Converter (DAC) IC This is the "brain" of the module. It receives digital binary data from the PLC CPU via the backplane and converts it into a proportional low-level analog voltage. * **Resolution:** 12-bit precision ensures smooth control of valves or motor speeds. ### B. Signal Conditioning & Op-Amps High-precision **Operational Amplifiers (Op-Amps)** are used to scale and buffer the DAC output. They ensure that the output remains stable even when the load resistance changes. ### C. Isolation Components To protect the main controller from electrical noise or surges on the factory floor, the module uses: * **Optocouplers:** These transmit signals using light, providing total electrical separation between the logic side and the field side. * **DC-DC Converters:** These provide isolated power to the analog circuitry. ### D. Protection Circuitry * **TVS Diodes:** Transient Voltage Suppressors protect the outputs against electrostatic discharge (ESD) and voltage spikes. * **Resettable Fuses (PTCs):** Protect against overcurrent or short circuits on the output terminals. --- ## 3. Wiring Configuration | Terminal | Description | Function | | :--- | :--- | :--- | | **V+ / I+** | Positive Output | Connect to the positive terminal of the actuator/drive. | | **COM** | Common/Ground | The return path for the analog signal. | | **24V** | External Power | Required to drive the current loops (4-20mA). | --- ## 4. Operational Logic 1. **Input:** The module receives a digital value (e.g., `2048`) from the PLC. 2. **Processing:** The internal logic validates the data and sends it to the DAC. 3. **Output:** The DAC converts `2048` into `5V` (assuming a 0-10V range). 4. **Feedback:** Internal monitoring ensures the output matches the requested value.
    ✨ Follow-up Questions
    • ⤷ What is the compatible PLC series for the M2ADS-ABA-R2 module?
    • ⤷ How do you calibrate the 4-20mA output on this specific module?
    • ⤷ What is the maximum load resistance supported by the current output?