データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2ADS-BA1-R

  • AI
    The **M2ADS-BA1-R** is a specific model within the **M2ADS series** of industrial electronic components, primarily used in automation and control systems. It is categorized as a **Direct Current (DC) Input Unit** or a **Contact Input Module**, typically associated with PLC (Programmable Logic Controller) architectures or remote I/O systems. --- ## 1. Technical Specifications The following table highlights the core electronic characteristics of the M2ADS-BA1-R: | Feature | Specification | | :--- | :--- | | **Input Type** | DC Contact Input (Digital) | | **Number of Points** | 16 Points (Standard configuration) | | **Rated Input Voltage** | 24V DC | | **Input Current** | Approx. 7mA per point | | **Isolation Method** | Photo-coupler isolation (Electrical separation) | | **Connection Type** | Terminal Block or Connector-based | | **Mounting** | DIN Rail or Panel Mount | --- ## 2. Key Electronic Components & Functionality ### A. Photo-coupler Isolation The "heart" of the module’s protection circuit. It uses light to transmit signals between the external field device and the internal logic. * **Purpose:** Prevents high-voltage surges or electrical noise from the field (e.g., a limit switch) from damaging the sensitive CPU or controller. ### B. Input Filtering Circuit Inside the module, RC (Resistor-Capacitor) filters are used. * **Purpose:** To "debounce" signals. It ensures that mechanical chatter from buttons or switches isn't misread as multiple pulses by the controller. ### C. Status LEDs The front panel typically includes a series of Light Emitting Diodes. * **Purpose:** Visual diagnostic. Each LED corresponds to an input channel, lighting up when the 24V DC circuit is closed. --- ## 3. Common Applications This part is used in environments where digital signals need to be gathered from the "real world" and sent to a processing unit: 1. **Safety Interlocks:** Monitoring if a guard door is closed. 2. **Sensors:** Receiving signals from Proximity or Photoelectric sensors. 3. **Operator Interfaces:** Connecting physical Start/Stop pushbuttons. --- ## 4. Installation Considerations * **Polarity:** As a DC device, ensuring the common (COM) terminal is wired correctly (Sink vs. Source) is critical for operation. * **Wiring Density:** Because it handles multiple points (usually 16), cable management and proper ferrule crimping are required to prevent short circuits.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Sink and Source wiring for this module?
    • ⤷ Does the M2ADS-BA1-R support high-speed counter inputs?
    • ⤷ How do I troubleshoot a specific input point that is not responding?