データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2ADS-BA1-R2

  • AI
    The **M2ADS-BA1-R2** is a high-performance industrial analog input module typically associated with the **M-System (now MG CO., LTD.)** R2 series. It is designed to convert analog field signals into digital data for communication over a remote I/O network. --- ### ## Technical Specifications Below is a breakdown of the core electronic and functional characteristics of the module: | Feature | Specification | | :--- | :--- | | **Module Type** | Analog Input (DC Input) | | **Channels** | 2 Isolated Channels | | **Resolution** | 16-bit A/D conversion | | **Input Signal Range** | Selectable (e.g., 0–10V, 4–20mA, ±10V) | | **Response Time** | ≤ 20 ms (0 to 90%) | | **Isolation** | Input to Output to Power (1500V AC) | | **Status Indicators** | LED for Power and Communication | --- ### ### Key Electronic Components & Functions 1. **Analog-to-Digital Converter (ADC):** The heart of the module is a **16-bit ADC**. It samples the continuous voltage or current signal from sensors and converts it into a discrete digital value (0–65535 steps), ensuring high precision in measurement. 2. **Signal Isolation Circuitry:** To protect the PLC and the internal bus from surges or ground loops, the module utilizes **opto-isolators or magnetic coupling**. This provides a 1500V AC isolation barrier between the field inputs and the internal logic. 3. **Input Filtering:** The module contains passive and active filters to suppress high-frequency noise and 50/60Hz interference, ensuring a stable signal even in electrically "noisy" industrial environments. 4. **Microprocessor (MCU):** An onboard MCU handles the scaling of the digital signal, manages the protocol for the R2 bus communication, and performs self-diagnostics. --- ### ### Connectivity and Wiring The module typically mounts on a base (Base R2) which provides the communication interface. * **Input Terminals:** Screw terminals for connecting transmitters or sensors. * **Internal Bus:** Connects to a communication gateway (like Modbus, PROFIBUS, or Ethernet/IP) via the R2 base. --- ### ### Configuration Example (Software Logic) While the hardware handles the signal, the data is usually read in a hex or integer format. For example, a 4-20mA signal might map as follows: ```python # Conceptual scaling logic for a 16-bit input raw_value = read_register(0x0001) # Read from M2ADS if raw_value >= 0: current_ma = (raw_value / 65535.0) * 20.0 print(f"Measured Current: {current_ma:.2f} mA") ```
    ✨ Follow-up Questions
    • ⤷ What are the compatible communication protocols for the R2 series base modules?
    • ⤷ How do I calibrate the M2ADS-BA1-R2 for a 4-20mA current loop?
    • ⤷ What is the power consumption specification for this specific module?