データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2ADS-CB2-R

  • AI
    The **M2ADS-CB2-R** is a specific industrial communication module, typically associated with motion control and automation systems (often linked to brands like ADLINK or specialized CNC controller hardware). It functions as a slave module for high-speed serial communication. --- ### 1. General Specifications This module is primarily an **Analog Output / Slave Extension Module**. Below are the core electronic characteristics: | Feature | Specification | | :--- | :--- | | **Communication Protocol** | Motionnet (High-speed serial) | | **Output Channels** | 2-channel Analog Output | | **Resolution** | 16-bit DAC (Digital-to-Analog Converter) | | **Output Range** | ±10V (Typical) | | **Transmission Rate** | Up to 20 Mbps | | **Connection Type** | RJ-45 for communication; Screw terminals for I/O | --- ### 2. Key Electronic Components & Functions #### A. Motionnet Interface The "M2" in the prefix usually denotes compatibility with **Motionnet**, a fieldbus system. * **ASIC Controller:** The board contains a dedicated Motionnet slave IC that handles data packet processing without taxing the central CPU. * **Isolation:** The communication lines are typically opto-isolated to prevent electrical noise from the motor drives from feeding back into the controller. #### B. Digital-to-Analog Conversion (DAC) * **High Precision:** Utilizing a 16-bit DAC allows for 65,536 discrete voltage levels. This is critical for controlling spindle speeds or laser power with high granularity. * **Voltage Stability:** Includes onboard voltage regulators and filters to ensure the ±10V signal remains stable despite electromagnetic interference (EMI) common in industrial environments. #### C. Physical Interface (The "R" Suffix) * **Connectors:** The module uses a standard RJ-45 interface for daisy-chaining multiple modules. * **Terminal Block:** The "R" often signifies a specific terminal arrangement or a "Remote" form factor designed for DIN-rail mounting. --- ### 3. Circuit Protection Features To survive industrial environments, the M2ADS-CB2-R incorporates several protective electronic layers: 1. **Surge Protection:** Built-in TVS (Transient Voltage Suppressors) on the communication ports. 2. **Reverse Polarity Protection:** Prevents damage if the 24V DC power supply is connected backwards. 3. **Over-Current Protection:** Fused or current-limited outputs to protect the DAC from short circuits on the analog side. --- ### 4. Application Use Case In a typical setup, the electronics perform the following logic: 1. **Input:** Receives a digital command via the Motionnet bus (e.g., "Set speed to 50%"). 2. **Process:** The internal logic converts this digital value to a specific binary string for the 16-bit DAC. 3. **Output:** The DAC converts the binary to a **+5V signal** (half of 10V) sent to a VFD (Variable Frequency Drive) or a Servo Amp.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M2ADS-CB2-R terminal block?
    • ⤷ How do you configure the slave ID for this module on a Motionnet network?
    • ⤷ What is the maximum distance supported for communication between modules?