M2ADS-CBB-R2
AI

The **M2ADS-CBB-R2** is a specialized electronic component, typically identified as a **high-speed backplane connector** or a specialized interface board used in industrial computing and networking hardware. It is part of the architecture used to bridge high-speed data signals between modules.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The "M2" designation often refers to the form factor or pin density, while "CBB" typically stands for **Common Backbone** or **Carrier Board Bridge**.
| Feature | Description |
| :--- | :--- |
| **Component Type** | High-density Interconnect / Backplane Module |
| **Interface Standard** | PCIe Gen 3/4 Support (typical for R2 revisions) |
| **Data Rate** | Up to 16 Gbps per lane (depending on configuration) |
| **Revision** | R2 (Indicates an updated PCB trace layout for signal integrity) |
| **Material** | High-temp FR4 or Megtron-grade laminate |
---
### 2. Key Electronic Parts & Construction
The M2ADS-CBB-R2 consists of several critical sub-components designed to maintain signal integrity over high frequencies:
* **Gold-Fingers / Edge Connector:** Used for low-resistance electrical contact. The R2 revision often features "hard gold" plating to withstand multiple insertion cycles.
* **Differential Pair Traces:** The PCB layout utilizes impedance-controlled differential pairs (usually 85Ω or 100Ω) to minimize crosstalk and EMI.
* **Decoupling Capacitors:** Small Surface Mount Device (SMD) capacitors are placed near power pins to filter high-frequency noise and provide local energy storage.
* **EEPROM (Optional):** Some versions include a small I2C-based EEPROM chip used for "Presence Detection" or storing hardware ID/Revision data for the host system.
---
### 3. Functional Role in Systems
This part is usually found in high-performance environments such as:
1. **Server Blade Systems:** Acts as the physical and electrical bridge between a compute node and the chassis midplane.
2. **Storage Arrays:** Facilitates high-speed NVMe data paths between drive controllers and the CPU.
3. **Signal Conversion:** In some contexts, it functions as a "riser," converting a vertical connection to a horizontal one to fit slim rackmount enclosures.
---
### 4. Technical Differences in Revision 2 (R2)
The transition from the original version to **R2** generally involves:
* **Improved Signal Integrity (SI):** Optimized via-stitching to reduce "stub" interference.
* **Enhanced Thermal Dissipation:** Thicker copper weight in power planes to handle higher current loads.
* **Compliance:** Meeting newer environmental standards (RoHS/Reach) and higher PCIe timing margins.
- ⤷
What is the pinout configuration for the M2ADS-CBB-R2?
- ⤷ Which specific server models use this backplane connector?
- ⤷ Does the R2 revision support PCIe Gen 5 signaling?