データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2ADS-EAB-R

  • AI
    The **M2ADS-EAB-R** is a specific industrial-grade components assembly, typically associated with high-performance computing, server networking, or specialized storage interface modules. While documentation can vary by manufacturer (often linked to network interface cards or riser cards), the electronics are designed for high-speed data integrity. --- ### Core Electronic Specifications The "M2" in the prefix usually denotes the **M.2 (Next Generation Form Factor)** interface, while the suffix indicates specific hardware revisions or mounting orientations. | Feature | Description | | :--- | :--- | | **Interface Type** | M.2 Key-M or Key-E (depending on the specific host bridge) | | **Bus Standard** | PCIe Gen 3.0 or 4.0 (Backwards compatible) | | **Form Factor** | Small form factor plug-in module | | **Power Input** | 3.3V (standard M.2 rail) | | **Signaling** | Differential pair signaling for high-speed data | --- ### Key Electronic Components The assembly consists of several critical electronic sub-systems: #### 1. Signal Integrity Components * **Coupling Capacitors:** Small MLCC (Multi-Layer Ceramic Capacitors) used to block DC bias while allowing high-frequency AC signals to pass through the PCIe lanes. * **Impedance Control:** The PCB traces are specifically designed for 85-ohm or 100-ohm differential impedance to prevent signal reflection. #### 2. Power Management (PMIC) * **Voltage Regulators:** Low-Dropout (LDO) regulators that step down or stabilize voltage for sensitive onboard logic. * **Decoupling Capacitors:** Used to filter out high-frequency noise from the power supply, ensuring stable operation during high data bursts. #### 3. Connector Interface * **Gold Finger Contacts:** The edge connector uses hard gold plating (usually 30µ" thickness) to ensure low contact resistance and durability over multiple insertion cycles. * **SMD Components:** Surface Mount Devices (Resistors/Inductors) are used for EMI (Electromagnetic Interference) filtering. --- ### Typical Application Diagram In a standard system integration, the electronic path follows this logic: ```mermaid graph LR A[Host PCIe Bus] --> B[M2ADS Interface] B --> C[Signal Re-driver/Buffer] C --> D[Target Device / M.2 Module] D --> E[Data Processing] ``` --- ### Technical Constraints * **Thermal Dissipation:** Due to the compact nature, these parts often rely on copper pours in the PCB to act as a heatsink. * **Latency:** The electronic layout is optimized for "Ultra-Low Latency," crucial for NVMe or high-speed Ethernet applications.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for this part number?
    • ⤷ Can this module support PCIe Gen 4.0 speeds?
    • ⤷ What are the mechanical dimensions of the M2ADS-EAB-R?