データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2ADS-EB1-R

  • AI
    The **M2ADS-EB1-R** is a specialized electronic evaluation board (EB) designed primarily for testing and developing applications based on **Analog-to-Digital Converters (ADCs)**, specifically within the context of M.2 (NGFF) form factor systems. It acts as a bridge between high-performance data converters and host processing units. --- ## 1. Core Component Overview The board is engineered to facilitate rapid prototyping of high-speed data acquisition systems. Below are the primary electronic categories found on this hardware: | Category | Component Role | Description | | :--- | :--- | :--- | | **ADC Interface** | Signal Conversion | Typically features a high-speed, multi-channel ADC (often from the AD92xx or similar series) for translating analog signals to digital data. | | **Form Factor** | Physical Interface | Utilizes the **M.2 Key-M** or **Key-E** connector, allowing it to plug directly into industrial PCs, laptops, or FPGA carrier boards. | | **Clocking** | Signal Timing | Includes onboard crystal oscillators or external clock inputs to ensure precise sampling rates and low jitter. | | **Power Mgmt** | Voltage Regulation | Onboard LDOs (Low Dropout Regulators) or DC-DC converters to step down the M.2 3.3V rail to the 1.8V or 1.2V required by the ADC. | --- ## 2. Technical Specifications & Features The "R" suffix often denotes a specific revision or a "RoHS" compliant version of the evaluation platform. ### Key Electronic Subsystems: * **Analog Input Front-End:** * Features SMA or U.FL connectors for high-frequency signal input. * Includes anti-aliasing filters and operational amplifiers (Op-Amps) for signal conditioning. * **Digital Interface:** * Communicates via **LVDS** (Low-Voltage Differential Signaling) or **JESD204B/C** high-speed serial links. * Compatible with SPI (Serial Peripheral Interface) for internal register configuration. * **Data Bus:** * Optimized for PCIe (Peripheral Component Interconnect Express) lanes provided through the M.2 slot to handle high throughput. --- ## 3. Usage Architecture The electronic workflow of the M2ADS-EB1-R usually follows this path: 1. **Input:** Analog signals enter via RF connectors. 2. **Conditioning:** Onboard circuits scale and filter the signal. 3. **Conversion:** The ADC chip samples the signal into digital bits. 4. **Transmission:** The digital data is packetized and sent through the M.2 pins to the Host (FPGA or CPU). --- ## 4. Example Pinout Logic (M.2 Standard) While specific to the manufacturer's implementation, the electronic layout generally adheres to these M.2 standards: ```c // Typical Power and Signal distribution Pin 1-11: GND / Differential Pairs (PCIe/LVDS) Pin 12-30: Configuration Pins / I2C / SPI Pin 70-75: 3.3V Main Power Supply ```
    ✨ Follow-up Questions
    • ⤷ What specific ADC chip model is populated on the M2ADS-EB1-R?
    • ⤷ Which FPGA carrier boards are most compatible with this M.2 evaluation board?
    • ⤷ How is the thermal management handled for the high-speed ADC on this small form factor?