データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2ADS-FA12-R2

  • AI
    The **M2ADS-FA12-R2** is a specific industrial-grade AC/DC power supply module, typically used in embedded systems, telecommunications, or high-reliability computing environments. Below is a breakdown of its core electronic parts, specifications, and architecture. --- ### 1. Key Technical Specifications The M2ADS series is known for its compact form factor and high efficiency. | Parameter | Specification | | :--- | :--- | | **Input Type** | AC (Universal range 90V – 264V) | | **Output Voltage** | +12V DC | | **Cooling** | Forced Air (Internal Fan) | | **Form Factor** | Proprietary/Slim (often used in 1U chassis) | | **Redundancy** | Typically supports N+1 configuration | --- ### 2. Core Electronic Components The internal architecture consists of several stages designed for power conversion and protection: #### A. Input Stage (EMI/EMC Filter) * **X and Y Capacitors:** These suppress electromagnetic interference (EMI) coming from the AC line. * **Common Mode Chokes:** Used to filter out high-frequency noise. * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC signal. #### B. Power Factor Correction (PFC) * **Active PFC Controller:** Ensures the current waveform is in phase with the voltage, improving efficiency and reducing harmonic distortion. * **Boost Inductor & MOSFETs:** Work together to step up the rectified voltage to a stable high-voltage DC bus (usually around 380V-400V). #### C. DC-DC Conversion Stage * **Main Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC output. * **PWM Controller:** Regulates the switching frequency of the MOSFETs to maintain a steady 12V output regardless of load changes. #### D. Output Rectification and Filtering * **Schottky Diodes or Synchronous Rectifiers:** Used on the secondary side of the transformer to convert AC back to low-voltage DC. * **Low-ESR Electrolytic Capacitors:** These smooth the output voltage ripple to ensure "clean" power for sensitive electronic components. --- ### 3. Protection Features The electronic circuitry includes integrated sensors and ICs to protect the hardware: * **OCP (Over-Current Protection):** Shuts down the unit if the load exceeds its rated capacity. * **OVP (Over-Voltage Protection):** Prevents the output from spiking above 12V, which could fry the motherboard. * **OTP (Over-Temperature Protection):** Uses thermistors to monitor heat and adjusts the fan speed or shuts down if the unit overheats. --- ### 4. Physical Connectors The "R2" suffix often denotes a specific revision of the connector interface or firmware. * **Gold Finger Connector:** Usually found on the rear for "Hot-Swap" capability. * **Status LEDs:** Green/Amber LEDs to indicate power health or fault conditions.
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage rating for the M2ADS-FA12-R2?
    • ⤷ Which specific servers or equipment is this power supply compatible with?
    • ⤷ How do I troubleshoot an amber LED light on this module?