データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2ADS-FA2-R2/Q

  • AI
    The **M2ADS-FA2-R2/Q** is a high-performance, industrial-grade storage module, specifically an **M.2 SATA Solid State Drive (SSD)** designed for embedded systems, ruggedized environments, and critical infrastructure. Below is a breakdown of its electronic specifications and technical architecture. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2242 (42mm length) / 2280 (80mm length) | | **Interface** | SATA III 6.0 Gbps (Backward compatible with SATA II/I) | | **Flash Type** | 3D TLC (Triple-Level Cell) or Pseudo-SLC (pSLC) | | **Capacity Range** | 32GB to 1TB (model dependent) | | **Data Retention** | 10 Years (at 25°C) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Core Electronic Components #### A. Controller (The "Brain") The module utilizes an advanced flash controller (often from Phison or Silicon Motion, customized for the "R2" revision) that handles: * **LDPC ECC:** Low-Density Parity-Check Error Correction to ensure data integrity. * **Wear Leveling:** Algorithms that distribute write/erase cycles evenly across flash blocks to extend lifespan. * **Bad Block Management:** Automatically identifies and retires unreliable memory cells. #### B. NAND Flash Memory The "Q" suffix often denotes specific binning for quality or specific flash geometry. It uses **3D NAND technology**, which stacks memory cells vertically to increase density and reduce the physical footprint of the chip. #### C. Power Management Circuitry * **Voltage Regulation:** Built-in DC-to-DC converters to stabilize the 3.3V input from the M.2 slot. * **Power Loss Protection (PLP):** Often includes tantalum capacitors or specialized firmware logic to prevent data corruption during sudden power drops. --- ### 3. Reliability and Durability Features * **Conformal Coating:** Often applied to the PCB to protect against moisture, dust, and chemical contaminants. * **Thermal Throttling:** Electronic sensors monitor the controller temperature; if it exceeds 85°C, the drive reduces clock speeds to prevent hardware damage. * **Shock & Vibration Resistance:** Engineered to withstand high G-force environments (MIL-STD-810G compliant), making it suitable for aerospace or vehicular applications. --- ### 4. Pin Configuration (M.2 B+M Key) The physical interface uses the **B+M Keying** to ensure compatibility with various motherboard slots. ```markdown Pin Layout Summary: - Pins 1-11: Power and Ground (GND / 3.3V) - Pins 12-19: Reserved / Config bits - Pins 20-75: SATA Differential pairs (TX+/TX-, RX+/RX-) and Clocking ```
    ✨ Follow-up Questions
    • ⤷ What is the TBW (Total Bytes Written) rating for the 512GB version of this model?
    • ⤷ Does this module support hardware-based AES-256 encryption?
    • ⤷ How does the pSLC mode in the R2 revision differ from standard TLC?