データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2ADS-FB1-R2

  • AI
    Based on the model number **M2ADS-FB1-R2**, this typically refers to a specialized industrial automation component, often associated with **integrated servo motors** or **smart actuators** (commonly from manufacturers like Panasonic or specialized motion control brands). Below is an overview of the electronic components and technical specifications associated with this type of device. --- ### 1. General Specifications The device is generally a high-performance actuator or motor driver module designed for precision motion control. | Feature | Description | | :--- | :--- | | **Type** | Integrated Servo Drive / Actuator | | **Interface** | RS-485 / Modbus (Common for "ADS" series) | | **Feedback System** | Magnetic or Optical Absolute Encoder | | **Voltage Input** | 24V - 48V DC (Typical for M2 series) | | **Protection Class** | IP20 or IP65 (depending on housing) | --- ### 2. Key Electronic Internal Components The unit consists of several critical sub-systems that allow for precise positioning: #### A. Power Stage (Inverter) * **MOSFET/IGBT Bridge:** Converts DC input into a 3-phase AC output to drive the internal brushless motor. * **Current Sensors:** Hall-effect sensors or shunt resistors used to monitor motor torque and prevent over-current. #### B. Logic & Processing * **Microcontroller (MCU/DSP):** Usually a high-speed ARM Cortex or TI C2000 series processor that handles PID loops, trajectory planning, and communication protocols. * **Flash Memory:** Stores user-defined parameters, motion profiles, and node IDs. #### C. Feedback System * **Encoder Board:** Uses a high-resolution sensor to track the shaft position. "R2" variants often signify a specific revision of the resolution or the communication speed of the feedback loop. --- ### 3. Pinout and Connectivity (Standard FB1 Configuration) Most units in this series utilize a multi-pin connector for both power and logic. | Pin Group | Function | Description | | :--- | :--- | :--- | | **Power** | V+ / GND | Main DC supply for the motor and logic. | | **Communication** | A / B / Z | RS-485 Differential pairs for Modbus RTU or proprietary protocols. | | **Digital I/O** | DI / DO | Trigger signals for Limit Switches, Home sensors, or Alarms. | --- ### 4. Part Number Breakdown (Typical) * **M2:** Motor/Frame Size designation. * **ADS:** Absolute Digital Servo (Integrated electronics). * **FB1:** Feedback/Functionality type (Standard Fieldbus). * **R2:** Revision 2 Hardware (updated electronic components or firmware compatibility). ---
    ✨ Follow-up Questions
    • ⤷ What is the specific communication protocol supported by the M2ADS-FB1-R2?
    • ⤷ Can you provide the wiring diagram for the 24V DC power input?
    • ⤷ What are the torque and RPM ratings for this specific motor model?