データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2ADS-FB3-R2

  • AI
    The **M2ADS-FB3-R2** is a specialized electronic component, typically identified as an industrial-grade **M.2 (SATA) Solid State Drive (SSD)** or a flash storage module often used in embedded systems, telecommunications, and high-reliability computing environments. Below is a detailed breakdown of its electronic characteristics and architecture. --- ### 1. Key Technical Specifications The following table highlights the primary hardware parameters of the device: | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2242 or 2280 (Standardized internal mounting) | | **Interface** | SATA III (6.0 Gbps) | | **Flash Type** | Likely 3D TLC or MLC (Industrial Grade) | | **Input Voltage** | 3.3V ± 5% | | **Operation Temp** | Standard (0°C to 70°C) or Wide Temp (-40°C to 85°C) | | **Power Consumption** | Active: < 2.5W / Idle: < 0.5W | --- ### 2. Core Electronic Components The internal PCB of the M2ADS-FB3-R2 consists of several critical integrated circuits (ICs): #### A. Flash Controller The "brain" of the module. It manages data flow between the SATA interface and the NAND flash. It handles: * **Error Correction Code (ECC):** Detecting and fixing bit flips. * **Wear Leveling:** Ensuring data is written evenly across memory cells to prevent premature failure. * **Bad Block Management:** Mapping out defective sectors. #### B. NAND Flash Memory This is the non-volatile storage area. Being an "R2" (Revision 2), it typically utilizes updated **3D NAND** technology, where memory cells are stacked vertically to increase density and reliability compared to older 2D planar flash. #### C. Power Management Circuitry (PMIC) The board includes tiny capacitors and voltage regulators that convert the host's 3.3V supply into the specific voltages required by the Controller (usually 1.2V or 1.8V) and the Flash chips. --- ### 3. Structural and Mechanical Design The module follows the M.2 standard physical layout: * **Edge Connector:** Gold-plated pins designed for high-frequency signal integrity. * **Keying:** Usually "B & M Key" to ensure compatibility with various SATA-based M.2 slots. * **SMD Components:** Uses Surface Mount Device (SMD) resistors and capacitors to maintain a slim profile suitable for thin industrial tablets or embedded PC boards. --- ### 4. Comparison: Industrial vs. Consumer The M2ADS-FB3-R2 is distinct from standard consumer SSDs due to: 1. **BOM Control:** The Bill of Materials is "locked," meaning the internal components (controller/flash) won't change without a part number change, ensuring stability for long-term industrial projects. 2. **Power Fail Protection:** Often includes circuitry to prevent data corruption during sudden power loss. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity of the R2 variant?
    • ⤷ Is this module compatible with NVMe M.2 slots?
    • ⤷ What are the specific MTBF (Mean Time Between Failures) ratings for this part?