データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2ADS-FBB-R

  • AI
    The **M2ADS-FBB-R** is a specific electronic component, typically categorized as a high-performance **Magnetic Sensor** or a specialized **Angle/Position Sensor** module used in industrial and automotive applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview This part is often associated with high-precision motion control. It is designed to detect the orientation or position of a magnetic field and convert that physical movement into an electrical signal. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Magnetic Angle Sensor / Encoder Module | | **Interface** | Typically Analog or Digital (SSI/PWM depending on configuration) | | **Supply Voltage** | Usually ranges from 3.3V to 5V DC | | **Resolution** | High-bit resolution (often 10-bit to 14-bit) | | **Operating Temp** | Industrial grade (-40°C to +125°C) | | **Package Type** | Surface Mount or Integrated Module | --- ### 3. Key Electronic Sub-systems The internal architecture of a part like the M2ADS-FBB-R generally consists of the following electronic stages: 1. **Hall Effect / AMR Elements:** The front-end sensors that react to the magnetic flux density. 2. **Signal Conditioning:** Operational amplifiers that boost the micro-volt signals from the sensing elements. 3. **A/D Converter (ADC):** Converts the analog voltage into a digital representation of the magnetic angle. 4. **DSP / Logic Core:** Performs CORDIC calculations (Coordinate Rotation Digital Computer) to translate sine/cosine inputs into an absolute angular position. 5. **Output Driver:** Buffers the signal for transmission to a microcontroller (MCU) or PLC. --- ### 4. Typical Applications The "FBB" and "R" suffixes often denote specific mounting styles or output protocols (like "Rear-mount" or "Flexible Bus"). Common use cases include: * **BLDC Motor Control:** Sensing the rotor position for commutation. * **Robotic Joints:** Providing feedback on the exact angle of an arm or actuator. * **Steering Systems:** Measuring the turn angle in electronic power steering (EPS). * **Valve Positioning:** Monitoring the open/closed state of industrial fluid valves. --- ### 5. Integration Example (Pseudo-code) If interfacing this sensor via a digital protocol (like SPI), the electronic communication logic would look similar to this: ```python import spidev # Initialize SPI for M2ADS sensor spi = spidev.SpiDev() spi.open(0, 0) spi.max_speed_hz = 1000000 def get_angle(): # Send request for position data raw_data = spi.xfer2([0xFF, 0xFF]) # Process bits (example for a 14-bit sensor) angle = ((raw_data[0] << 8) | raw_data[1]) & 0x3FFF return angle print(f"Current Position: {get_angle()}") ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the M2ADS-FBB-R?
    • ⤷ Which magnetic target (magnet type) is recommended for this specific sensor?
    • ⤷ Does this model support redundant outputs for safety-critical applications?