データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2ADS-ZAC-R

  • AI
    The **M2ADS-ZAC-R** is a specific model within the **M2ADS Series** of advanced servo drives, typically manufactured by companies like **Mechatrolink** or associated industrial automation brands (such as those integrating with Yaskawa or Sanyo Denki protocols). Below is a breakdown of its electronic components, technical specifications, and functions. --- ## 1. Core Technical Specifications The M2ADS series is designed for high-precision motion control. Here are the typical parameters for this specific variant: | Feature | Specification | | :--- | :--- | | **Input Voltage** | Single/Three-Phase AC 200V - 230V | | **Communication Protocol** | Mechatrolink-II or III (indicated by the 'M2' prefix) | | **Control Method** | IGBT PWM Control / Sinusoidal Current Drive | | **Feedback Type** | Absolute/Incremental Encoder Support | | **Output Type** | Analog/Pulse (Integrated Control) | --- ## 2. Key Electronic Components & Subsystems ### A. Power Module (Inverter Stage) The "Heart" of the drive is the **IPM (Intelligent Power Module)**. * **Function:** It uses high-speed switching **IGBTs** (Insulated Gate Bipolar Transistors) to convert DC bus voltage into a variable frequency/voltage AC output to drive the motor. * **Protection:** Includes built-in sensors for over-current, over-voltage, and thermal protection. ### B. Digital Signal Processor (DSP) & FPGA The "Brain" of the unit. * **DSP:** Handles complex mathematical algorithms for PID loops, velocity control, and position profiles. * **FPGA:** Manages high-speed I/O signals and the strict timing required for the communication bus. ### C. The Communication Interface (ZAC-R Designation) The **ZAC-R** suffix often denotes the specific hardware interface configuration: * **M2:** Refers to the **Mechatrolink** fieldbus interface, allowing for synchronized multi-axis control. * **R:** Often signifies a specific revision or **RoHS compliance** (Environmental standards for electronic parts). ### D. Feedback and Encoder Circuitry This section processes signals from the motor's encoder. * **Signal Conditioning:** Converts differential signals (A, B, Z phases) into digital data for the DSP. * **Battery Backup:** Often contains a port for an external battery to maintain absolute position data when the main power is off. --- ## 3. Connector Pinout Overview Typical industrial servo drives like the M2ADS-ZAC-R feature the following physical interfaces: 1. **L1, L2, L3:** Main power supply input. 2. **U, V, W:** Power output to the Servo Motor. 3. **CN1:** I/O Signal Connector (Limit switches, E-Stop, Alarms). 4. **CN2:** Encoder Feedback Connector. 5. **CN3/CN4:** Mechatrolink Communication Ports (In/Out for daisy-chaining). --- ## 4. Application Context The M2ADS-ZAC-R is commonly found in: * **CNC Machinery:** High-speed milling and routing. * **Robotic Arms:** Where precise torque and position feedback are required. * **Semiconductor Equipment:** Cleanroom-compatible precision positioning. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for the CN1 I/O connector?
    • ⤷ How do I troubleshoot an 'Overcurrent' error on this specific drive?
    • ⤷ Is the M2ADS-ZAC-R compatible with standard Yaskawa Sigma series motors?