データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2ADS-ZB4-R

  • AI
    The **M2ADS-ZB4-R** is a specific model within the category of industrial automation control components, typically associated with push-button switches or indicator pilot lights (often within the Schneider Electric / Telemecanique Harmony style or compatible lines). Below is a breakdown of its electronic and mechanical specifications. --- ### 1. General Product Specifications This part number typically refers to a **22mm Red Mushroom Head Emergency Stop/Push Button** or a similar control unit. | Feature | Specification | | :--- | :--- | | **Diameter** | 22 mm (Standard Industrial Size) | | **Actuator Type** | Mushroom Head / Push-Pull or Turn-to-Release | | **Color** | Red (Standard for Emergency/Stop functions) | | **Mounting Style** | Panel Mount | | **Material** | Chrome-plated metal or high-durability plastic bezel | ### 2. Electronic Characteristics While the "head" (ZB4-R) is a mechanical interface, it operates in conjunction with electronic contact blocks to control a circuit. * **Contact Configuration:** Usually paired with **NC (Normally Closed)** contacts for safety applications. * **Voltage Rating:** Typically rated for up to **600V AC/DC** depending on the contact block used. * **Thermal Current ($I_{th}$):** Generally rated for **10A**. * **Switching Capacity:** Designed for AC-15 (Inductive loads) and DC-13 (Solenoids/Relays) categories. ### 3. Structural Components The part is usually part of a modular system consisting of three main electronic/mechanical sections: 1. **The Head (ZB4-R):** The visible red mushroom part that the operator presses. 2. **The Fixing Collar:** The metal ring that secures the head to the panel and connects it to the electronic blocks. 3. **The Contact Blocks:** The actual electronic terminals where wires are connected (e.g., ZBE101 for NO, ZBE102 for NC). --- ### 4. Environmental & Protection Ratings Because these are used in industrial electronic panels, they carry high ingress protection ratings: * **IP Rating:** IP66 or IP69K (Protected against high-pressure water jets and dust). * **NEMA Rating:** NEMA 4, 4X, and 13 (Oil-tight and water-tight). * **Vibration Resistance:** High resistance (approx. 5 g) to prevent accidental circuit breaks in heavy machinery. --- ### 5. Wiring Example (Simplified) To integrate this into an electronic control circuit, use the following logic: ```c // Example Logic for an Emergency Stop Integration IF (M2ADS-ZB4-R == PRESSED) { Cut_Power_To_Main_Relay(); Trigger_Alarm_Indicator(); } ELSE { System_Ready = TRUE; } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible contact block part numbers for this specific head?
    • ⤷ Does this model support 'Turn-to-Release' or 'Pull-to-Release' functionality?
    • ⤷ What is the difference between the ZB4 (metal) and ZB5 (plastic) series?