データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS-1D-R

  • AI
    The **M2AMS-1D-R** is a specific model of a **Miniature Magnetic Proximity Sensor**, typically used in industrial automation for non-contact position sensing. It belongs to the reed switch family of sensors. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Sensor Type** | Magnetic Reed Switch | | **Output Type** | SPST (Single Pole Single Throw) | | **Contact Form** | Form A (Normally Open - NO) | | **Switching Voltage** | Usually up to 100V DC / 120V AC (model dependent) | | **Switching Current** | Max 0.5A | | **Housing Material** | Aluminum (Anodized) or Plastic | | **Sensing Distance** | Typically 5mm to 15mm (depending on magnet strength) | --- ### 2. Electronic Components & Internal Design The "M2AMS" series utilizes simple yet highly reliable electronic principles: #### A. The Reed Switch The core component is a glass-encapsulated reed switch. It consists of two ferromagnetic blades (reeds). When a magnetic field (from an external magnet) is brought near the sensor, the blades become polarized and attract each other, closing the circuit. #### B. The Housing (Aluminum) The "M" in the prefix often denotes a **Metallic/Aluminum** housing. This provides: * **EMI Shielding:** Protects the internal switch from electromagnetic interference. * **Durability:** High resistance to mechanical impact compared to plastic variants. #### C. Wiring (The "1D-R" Suffix) * **1D:** Refers to the lead-out configuration (usually a 1-meter cable or specific connector type). * **R:** Often indicates a **Round** or **Right-angle** mounting orientation, or specific sensitivity rating (model-specific by manufacturer). --- ### 3. Circuit Integration Since this is a passive magnetic switch, it does not require a power supply to operate. It acts as a dry contact. ```cpp // Example: Connecting M2AMS-1D-R to an Arduino const int sensorPin = 2; // Connected to M2AMS signal wire void setup() { pinMode(sensorPin, INPUT_PULLUP); // Use internal pull-up resistor Serial.begin(9600); } void loop() { int state = digitalRead(sensorPin); if (state == LOW) { Serial.println("Magnet Detected (Closed)"); } else { Serial.println("No Magnet (Open)"); } } ``` --- ### 4. Common Applications * **Pneumatic Cylinders:** Monitoring the position of the internal piston. * **Door/Gate Security:** Detecting if a hatch or safety guard is closed. * **Limit Switching:** Acting as an end-stop for linear actuators.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this reed sensor?
    • ⤷ Does this model require a specific type of magnet (Alnico vs Neodymium)?
    • ⤷ Is there a version of this sensor with an LED indicator?