データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS-1D-R2

  • AI
    The **M2AMS-1D-R2** is a specific industrial-grade module typically associated with **M2M (Machine to Machine)** and **IoT (Internet of Things)** connectivity solutions. It is designed to act as a bridge between serial communication protocols and modern networking interfaces. --- ### Core Specifications & Electronic Components The architecture of this module revolves around converting physical signals into data packets for remote management. | Feature | Description | | :--- | :--- | | **Interface Type** | RS-232 / RS-485 to Ethernet/Cellular | | **Form Factor** | Compact, often DIN-rail mountable or PCB-integrated | | **Input Voltage** | Typically 5V - 24V DC (wide range for industrial use) | | **Connector Type** | DB9 or Terminal Block for Serial; RJ45 for LAN | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### Key Internal Electronic Parts #### 1. Microcontroller (MCU) / Processor The "brain" of the unit is usually an ARM-based microcontroller. It manages the logic for protocol conversion (e.g., Modbus RTU to Modbus TCP) and handles the network stack. #### 2. Transceiver ICs To facilitate serial communication, the board contains: * **RS-232 Transceivers:** (e.g., MAX3232) to handle voltage level shifts between the MCU and the serial port. * **RS-485 Transceivers:** To allow for long-distance differential signaling and multi-drop configurations. #### 3. Power Management Circuitry Since industrial environments have "dirty" power, the R2 revision usually includes: * **Buck Converters:** To step down high input voltages efficiently. * **TVS Diodes:** For Transient Voltage Suppression to protect against surges. * **Optocouplers:** (In some variants) to provide galvanic isolation between the serial side and the logic side. #### 4. Communication Modules Depending on the specific sub-model, it may house: * **Ethernet Controller:** For wired LAN connectivity. * **Cellular Modem:** Often a mini-PCIe or surface-mount module for 4G LTE/NB-IoT connectivity. --- ### Application Usage This part is commonly used in: * **Remote Metering:** Reading power meters via RS-485 and sending data to a cloud server. * **PLC Integration:** Connecting older Programmable Logic Controllers to modern SCADA systems. * **Environmental Monitoring:** Interfacing with sensors in remote locations. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the DB9 connector on this module?
    • ⤷ Does the R2 revision support Power over Ethernet (PoE)?
    • ⤷ How do I configure the baud rate for the M2AMS-1D-R2 serial port?