データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS-23-R2/UL

  • AI
    Based on the model number **M2AMS-23-R2/UL**, this refers to a specific industrial **Selector Switch** or **Control Switch** unit, typically manufactured by brands like **C3controls** or similar industrial automation providers. --- ### 1. Component Breakdown The part number is structured to define the physical and electrical characteristics of the device. | Segment | Meaning | Description | | :--- | :--- | :--- | | **M2A** | Series / Frame | 22.5mm Industrial standard mounting diameter. | | **MS** | Operator Type | Selector Switch (Maintained action). | | **23** | Positions | 3-Position switch (Left-Center-Right). | | **R2** | Contact Block | Includes 2 Normally Open (NO) contact blocks. | | **UL** | Certification | UL Recognized/Listed for North American safety standards. | --- ### 2. Key Electronic & Mechanical Specifications The "Electronic" side of this part involves its ability to bridge or break electrical circuits within a control panel. #### Electrical Ratings * **Voltage Capacity:** Typically rated for up to **600V AC/DC**. * **Thermal Current (Ith):** Usually rated at **10 Amps**. * **Contact Type:** Silver alloy contacts for high conductivity and durability. * **Switching logic:** In a 3-position maintained configuration: * **Position 1 (Left):** Contact A Closed / Contact B Open. * **Position 2 (Center):** Both Contacts Open (Neutral). * **Position 3 (Right):** Contact A Open / Contact B Closed. #### Construction Details * **Ingress Protection:** Often rated **IP65/NEMA 4X**, making it resistant to water, oil, and dust. * **Mounting:** Fits a standard **22.5mm** circular hole in a control panel door. * **Terminal Type:** Screw terminals with pressure plates for secure wire connection. --- ### 3. Applications These parts are typically used in the following electronic control scenarios: 1. **Hand-Off-Auto (HOA) Circuits:** Switching a motor between manual control, power off, and PLC automation. 2. **Directional Control:** Selecting between "Forward," "Stop," and "Reverse." 3. **Mode Selection:** Switching an industrial machine between "Setup," "Run," and "Maintenance" modes. --- ### 4. Circuit Diagram Representation In a schematic, the switch is represented by its contact blocks: ```text [POS 1] [POS 2] [POS 3] NO 1: (X) ( ) ( ) NO 2: ( ) ( ) (X) (X) = Closed Circuit ( ) = Open Circuit ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum amperage rating for the contact blocks on this switch?
    • ⤷ Does this model support 'Spring Return' or is it 'Maintained' only?
    • ⤷ Can additional contact blocks be stacked onto the M2AMS series?