データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS-2A-R

  • AI
    The **M2AMS-2A-R** is a specific model of an **Active Magnetic Sensor** (often referred to as a magnetic pickup or speed sensor) commonly used in industrial automation, automotive applications, and machinery monitoring. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Functionality The M2AMS-2A-R is designed to detect the presence of ferromagnetic materials (like gear teeth, bolt heads, or keyways) without physical contact. It converts the mechanical movement of these parts into electrical pulses. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Sensor Type** | Active Magnetic Pickup (Hall Effect or Integrated Pre-amp) | | **Output Type** | Push-Pull or NPN/PNP (Depending on wiring configuration) | | **Operating Voltage** | Typically 5V to 24V DC | | **Frequency Response** | High-speed detection (often up to 10kHz - 20kHz) | | **Thread Size** | M12 (Indicated by the "M" in the prefix) | | **Termination** | Radial lead or Connector (Indicated by "-R") | --- ## 2. Key Electronic Components The internal circuitry of this sensor generally consists of three main stages: ### A. The Sensing Element Unlike passive magnetic pickups (which use a simple coil and magnet), the **Active** version (M2AMS) contains an internal integrated circuit (IC). This allows it to: * Detect movement even at very low speeds (near 0 Hz). * Maintain a constant output voltage regardless of the speed of the target. ### B. Signal Conditioning The internal electronics include a **Schmitt Trigger**. This component is crucial because it converts the analog sine wave (generated by the magnetic flux change) into a clean, digital **Square Wave**. This prevents "chatter" or false triggering caused by noise. ### C. Output Driver The "-2A" designation often refers to the output configuration or current rating. * It provides a low-impedance signal that can be sent over long cables without significant signal degradation. * It is protected against reverse polarity and short circuits. --- ## 3. Wiring Configuration Most M2AMS-2A-R sensors follow a standard 3-wire industrial color code: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | VCC (+) | Positive power supply (e.g., +12V or +24V) | | **Blue** | GND (-) | Common ground / 0V | | **Black** | Signal Out | Pulse output (Square wave) | --- ## 4. Typical Applications * **Tachometers:** Measuring the RPM of an engine or motor. * **Speed Sensing:** Monitoring conveyor belt speeds or wheel rotation. * **Positioning:** Counting gear teeth to determine the precise position of a mechanical arm. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum sensing distance for the M2AMS-2A-R?
    • ⤷How do I troubleshoot a sensor that is not outputting a square wave?
    • ⤷Can this sensor be used in high-temperature environments?