データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS-B1-R2

  • AI
    The **M2AMS-B1-R2** is a specific electronic hardware component, typically identified as a high-precision **Current Transducer** or sensor module used in industrial automation and power electronics. --- ### 1. Technical Specifications The device is designed to measure electrical current without physical contact, utilizing the Hall Effect or similar magnetic sensing technology. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Current Transducer / Ammeter Module | | **Measurement Range** | Varies by configuration (typically 0-5A or 0-10A AC/DC) | | **Output Signal** | Analog (0-5V, 0-10V, or 4-20mA) | | **Accuracy Class** | High Precision (±0.5% or better) | | **Isolation Voltage** | 2kV - 5kV (Galvanic Isolation) | | **Mounting Type** | DIN Rail or PCB Mount | --- ### 2. Core Electronic Components The internal architecture of an M2AMS series module generally consists of the following stages: #### A. Sensing Element * **Hall Effect Sensor:** A semiconductor that produces a voltage proportional to the magnetic field generated by the primary current. * **Magnetic Core:** A high-permeability ring that concentrates the flux around the sensor. #### B. Signal Conditioning Circuitry * **Operational Amplifiers (Op-Amps):** Used to scale the millivolt signal from the sensor to a usable industrial level. * **Filtering:** Low-pass filters are used to remove high-frequency noise from switching power supplies. * **Temperature Compensation:** Thermistors or compensation circuits ensure accuracy remains stable despite heat. #### C. Output Stage * **Voltage/Current Driver:** Converts the processed signal into a standard output (e.g., 4-20mA loop). * **Protection:** Zener diodes or TVS (Transient Voltage Suppressors) to prevent damage from voltage spikes. --- ### 3. Connection Layout Below is a typical pinout/terminal representation for these types of modules: ```markdown Terminal Block Layout: +-------+-------+-------+ | +Vcc | GND | Out | <-- Supply and Signal Output +-------+-------+-------+ | | | | | [ PRIMARY CURRENT ] | <-- Current to be measured | | | | +-------+-------+-------+ ``` --- ### 4. Typical Applications * **Motor Control:** Monitoring the load on industrial motors to prevent burnout. * **Solar Inverters:** Measuring DC current generated by PV panels. * **Battery Management:** Tracking charge and discharge cycles in UPS systems. * **Process Control:** Sending current data to a PLC (Programmable Logic Controller).
    ✨ Follow-up Questions
    • ⤷ What is the specific primary current range for the R2 revision?
    • ⤷ How do I calibrate the zero-point on this module?
    • ⤷ Can this module measure both AC and DC signals simultaneously?