データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS-B4-R/CE

  • AI
    The **M2AMS-B4-R/CE** is a high-performance, plug-in type signal conditioner (specifically an isolating transmitter) manufactured by **M-System** (now part of MG CO., LTD). It is designed to convert a standard DC input signal into a standard DC output signal while providing electrical isolation. Below is the breakdown of its electronic specifications and characteristics. --- ### 1. Model Code Breakdown The model number identifies the specific electronic configuration of the unit: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **M2AMS** | Series Name | Mini-M Series Signal Conditioner (Isolating Transmitter) | | **-B** | Input Signal | 2 – 10V DC (Input resistance 1M$\Omega$ min.) | | **4** | Output Signal | 0 – 10V DC (Load resistance 1000$\Omega$ min.) | | **-R** | Power Supply | 24V DC | | **-CE** | Certification | CE marking (European conformity) | --- ### 2. Core Electronic Specifications These parameters define the electronic performance and limits of the device. * **Isolation:** 3-way isolation (Input to Output to Power). * **Accuracy:** $\pm$0.1% of span. * **Response Time:** $\le$ 0.5 seconds (0 – 90%). * **Temperature Coefficient:** $\pm$0.015% per °C (or $\pm$0.008% per °F). * **Insulation Resistance:** 100 M$\Omega$ minimum with 500V DC. * **Dielectric Strength:** 2000V AC @ 1 minute (Input to Output to Power to Ground). --- ### 3. Component Design & Housing The internal electronics are protected by a specific physical architecture designed for industrial environments: * **Construction:** Plug-in structure (can be removed from the base without disconnecting wires). * **Wiring:** M3.5 screw terminals (Torque 0.8 N·m). * **Housing Material:** Flame-resistant resin (Color: Black). * **Adjustments:** Front-facing Zero and Span adjustments (potentiometers) for field calibration ($\pm$5% range). --- ### 4. Circuit Protection Features The "CE" designation ensures the internal electronics meet specific electromagnetic compatibility (EMC) standards: 1. **EMI (Electromagnetic Interference):** Enclosure and circuits are shielded to prevent interference with nearby controllers (EN 61000-6-4). 2. **EMS (Electromagnetic Susceptibility):** Internal filtering protects the signal against industrial noise and power surges (EN 61000-6-2). --- ### 5. Application Circuit Example This unit is typically used to interface a sensor (Input) with a PLC or SCADA system (Output) where ground loops must be avoided. ```mermaid graph LR A[Sensor: 2-10V DC] --> B(M2AMS-B4-R) B --> C[PLC/Controller: 0-10V DC] D[24V DC Power] --> B ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power consumption for the M2AMS-B4-R/CE?
    • ⤷ Can the zero and span settings be adjusted digitally?
    • ⤷ What are the mounting options available for the Mini-M series?