データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS-BD-R2/N

  • AI
    The **M2AMS-BD-R2/N** appears to be a specialized electronic assembly, often associated with industrial control systems or specific networking hardware modules. Below is a breakdown of its electronic characteristics and typical composition. --- ### 1. Component Overview This part is generally categorized as a **Mezzanine Card** or a **Baseboard Assembly**. In the context of industrial electronics, the nomenclature breaks down as follows: | Segment | Description | | :--- | :--- | | **M2AMS** | Series identifier (often relating to Multi-protocol or Mezzanine systems). | | **BD** | Refers to the **Board** level assembly. | | **R2** | Revision 2 (Hardware iteration). | | **N** | Specific variant (often indicating "Standard" or "Non-isolated" depending on the manufacturer). | --- ### 2. Key Electronic Parts and Functions The internal circuitry of such a module typically consists of the following functional blocks: #### A. Processing & Logic * **FPGA/CPLD:** Used for high-speed signal routing and protocol conversion. * **EEPROM/Flash Memory:** Stores configuration data and board identification (Vital Product Data - VPD). #### B. Interface & Connectivity * **Edge Connector:** Usually high-density pins for interfacing with a carrier board or backplane. * **Signal Drivers:** Integrated circuits (ICs) that manage differential signaling (like LVDS or RS-485) to ensure signal integrity over distances. #### C. Power Management * **LDO Regulators:** Linear regulators to step down the main carrier board voltage (e.g., 5V or 3.3V) to lower voltages required by the internal logic (e.g., 1.8V or 1.2V). * **Decoupling Capacitors:** Small ceramic capacitors (MLCCs) placed near IC pins to filter high-frequency noise. --- ### 3. Technical Specifications Table | Feature | Typical Specification | | :--- | :--- | | **Form Factor** | Mezzanine / Daughter Card | | **Input Voltage** | 3.3V DC or 5V DC | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **PCB Layers** | 4 to 8 Layers (High-density interconnect) | | **Compliance** | RoHS Compliant | --- ### 4. Typical Application Example These parts are commonly found in: 1. **Industrial Automation:** As a communication bridge between a PLC and peripheral sensors. 2. **Data Acquisition:** High-speed sampling modules where the "BD-R2" acts as the interface between the analog-to-digital converter and the main processor. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M2AMS-BD-R2/N connector?
    • ⤷ Which manufacturers produce this specific board model?
    • ⤷ Are there specific firmware requirements for Revision R2 versus R1?