データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS-D2-R2

  • AI
    The **M2AMS-D2-R2** is a specific variant of an industrial-grade M.2 expansion module, typically used in embedded computing, automation, and communication gateways. These modules are often designed for **M.2 (NGFF)** slots to add specific connectivity or I/O capabilities. Below is a breakdown of the typical electronic specifications and components found in this class of hardware. --- ### 1. General Specifications The module follows the M.2 form factor standard, which dictates physical dimensions and electrical pinouts. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 (Type 2242 or 2280 common) | | **Interface** | PCIe or USB signals via M.2 Gold Fingers | | **Input Voltage** | 3.3V (Standard M.2 supply) | | **Operating Temp** | Industrial Grade (-40°C to +85°C) | --- ### 2. Core Electronic Components While specific internal chips can vary by manufacturer, the "D2-R2" series generally involves the following electronic building blocks: #### A. Power Management IC (PMIC) * **Function:** Converts the 3.3V input from the motherboard into lower voltages (e.g., 1.8V, 1.2V, or 1.0V) required by the onboard controller. * **Protection:** Includes decoupling capacitors to filter high-frequency noise and prevent voltage spikes. #### B. Main Controller / Bridge Chip * **Type:** Often a PCIe-to-Serial or PCIe-to-Ethernet bridge (such as chips from Intel, Realtek, or Exar). * **Role:** This is the "brain" that translates the PCIe signals from the M.2 slot into the specific I/O output (like RS-232, RS-485, or Dual LAN). #### C. Signal Isolation & ESD Protection * **Optocouplers/Digital Isolators:** Crucial for industrial versions to protect the host PC from high-voltage surges on the external lines. * **TVS Diodes:** Transient Voltage Suppressor diodes are placed near the output ports to ground out Static Electricity (ESD). #### D. Connection Headers * **D2-R2 Designation:** Usually implies a **Dual (2x)** port configuration, likely **RS-232** or **RS-422/485**. * **Connectors:** Small pitch headers (like Hirose or JST) that connect via cable to external DB9 ports. --- ### 3. Pinout and Interface Logic The electronic communication between the module and the motherboard follows the PCIe protocol. ```json { "Bus_Type": "PCI Express x1", "Lane_Count": 1, "Signaling": "Differential Pairs (TX+/TX-, RX+/RX-)", "Clock": "100MHz Reference Clock" } ``` --- ### 4. Hardware Revision History (R2) The **R2** suffix signifies a hardware **Revision 2**. In electronics, this usually indicates: 1. **Bug Fixes:** Correction of electrical timing issues or signal integrity flaws found in R1. 2. **Component Optimization:** Swapping older chips for more power-efficient or readily available versions. 3. **Enhanced Protection:** Improved surge protection or better EMI (Electromagnetic Interference) shielding.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer of this M2AMS module?
    • ⤷ Does this module support RS-232 or RS-485 communication?
    • ⤷ Is a specific driver required for the R2 revision?