データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS2-152-R

  • AI
    The **M2AMS2-152-R** is a specific part number typically associated with high-performance **RF/Microwave sub-assemblies**, specifically a **Multi-Throw PIN Diode Switch**. These components are frequently used in aerospace, defense, and high-end telecommunications for signal routing. --- ## Technical Specifications Overview The electronic architecture of this part is designed for high-speed switching and signal integrity across wide frequency bands. | Parameter | Typical Description | | :--- | :--- | | **Component Type** | PIN Diode Switch | | **Configuration** | SP2T (Single Pole Double Throw) / Multi-throw | | **Frequency Range** | Often 2.0 GHz to 18.0 GHz (varies by sub-series) | | **Control Logic** | TTL Compatible | | **Mounting** | Modular / Connectorized (usually SMA) | | **RoHS Status** | Compliant (indicated by the -R suffix) | --- ## Key Electronic Parts & Components The M2AMS2-152-R is an integrated assembly consisting of several critical electronic sub-sections: ### 1. PIN Diodes The heart of the switch. Unlike standard diodes, PIN diodes act as a variable resistor at RF frequencies. When forward-biased, they allow the signal to pass with low insertion loss; when reverse-biased, they provide high isolation. ### 2. Integrated TTL Driver To make the switch compatible with digital systems (like a microcontroller or FPGA), it contains an internal driver circuit. * **Function:** Converts low-power 0V/5V logic signals into the high current/voltage required to bias the PIN diodes. * **Benefits:** Ensures fast switching speeds (typically in the nanoseconds range). ### 3. Bias Tees & Decoupling Capacitors Internal passive components are used to: * Inject DC power into the RF path to trigger the diodes. * Prevent DC leakage from interfering with the sensitive RF input/output ports. ### 4. RF Circuitry (Microstrip/Stripline) The internal PCB uses specialized substrates (like Rogers or Teflon-based materials) to maintain a constant **50-ohm impedance**, minimizing signal reflection (VSWR). --- ## Functional Block Diagram Concept ```mermaid graph LR A[RF Input] --> B{PIN Diode Matrix} C[TTL Control Input] --> D[Internal Driver] D --> B B --> E[RF Output 1] B --> F[RF Output 2] ``` --- ## Typical Applications * **Radar Systems:** Switching between transmit and receive modes. * **Electronic Warfare (EW):** Rapid signal modulation and path selection. * **Test Equipment:** Automated routing of signals in laboratory environments.
    ✨ Follow-up Questions
    • ⤷ What is the typical switching speed for this PIN diode switch?
    • ⤷ What are the power handling limits for the M2AMS2 series?
    • ⤷ Does this model require a dual-polarity power supply for the driver?