データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS2-152-R/N

  • AI
    The **M2AMS2-152-R/N** belongs to the **M2AM** series of power supply units, typically manufactured by companies like *Chicony* or *Cisco* (often used in networking equipment like the Nexus series). It is an AC-input, DC-output power module designed for high-availability server or networking environments. --- ### 1. General Specifications The following table outlines the primary electrical characteristics of this unit: | Parameter | Specification | | :--- | :--- | | **Input Type** | AC (Alternating Current) | | **Input Voltage Range** | 100V - 240V AC | | **Input Frequency** | 50/60 Hz | | **Output Power** | 1500W - 1520W (approximate) | | **Efficiency Rating** | Typically 80 Plus Platinum or Gold | | **Cooling** | Internal high-speed fan (R/N often denotes airflow direction) | --- ### 2. Key Internal Electronic Components To manage high wattage and maintain stability, the unit utilizes several critical electronic stages: #### A. Input Protection and Filtering (EMI Stage) * **MOV (Metal Oxide Varistors):** Protects the internal circuits from voltage surges. * **Common Mode Chokes & X/Y Capacitors:** Filters electromagnetic interference (EMI) to ensure the power supply doesn't interfere with other electronics. #### B. Active PFC (Power Factor Correction) * **PFC Controller IC:** A specialized chip that aligns the current waveform with the voltage waveform to maximize efficiency. * **Power MOSFETs:** High-voltage transistors (usually Silicon Carbide or Gallium Nitride in modern versions) that switch at high frequencies to boost the voltage to a steady DC bus (typically ~380V-400V). #### C. DC-DC Conversion (Main Stage) * **Main Transformer:** A ferrite-core transformer that provides galvanic isolation and steps down the high-voltage DC to the required output levels (usually 12V). * **Synchronous Rectifiers:** Instead of standard diodes, low-resistance MOSFETs are used on the secondary side to minimize heat loss and maximize efficiency. #### D. Monitoring and Management * **Microcontroller (MCU):** Manages digital communication (often via **PMBus** or **I2C**) to report temperature, fan speed, and power consumption to the host system. * **Shunt Resistors:** Used for precise current sensing and over-current protection (OCP). --- ### 3. Suffix Breakdown: "R/N" In industrial power supplies, the suffix usually indicates the **Airflow Direction**: * **R (Port-side Intake):** Air is pulled from the port side and exhausted through the power supply handle side. * **N (Port-side Exhaust):** Air is pulled from the power supply handle side and exhausted through the port side. --- ### 4. Safety and Protection Features The internal circuitry includes dedicated protection logic for: 1. **OVP (Over Voltage Protection):** Shuts down the unit if output exceeds safe limits. 2. **SCP (Short Circuit Protection):** Prevents fire or damage if an output rail is shorted. 3. **OTP (Over Temperature Protection):** Throttles or shuts down the unit if the internal heatsinks get too hot.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M2AMS2 connector?
    • ⤷ Is this power supply compatible with Cisco Nexus switches?
    • ⤷ How can I monitor the PMBus telemetry data from this unit?