データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS2-15A-R

  • AI
    The **M2AMS2-15A-R** is a specific model within the series of high-performance magnetic-hydraulic circuit breakers. These components are designed for precision circuit protection, often used in telecommunications, industrial control systems, and power distribution units (PDUs). --- ### 1. Technical Specifications Below are the primary electronic and physical characteristics of this part: | Characteristic | Specification | | :--- | :--- | | **Current Rating** | 15 Amperes | | **Number of Poles** | 2 Poles (Dual-pole operation) | | **Actuator Style** | Sealed Rocker (or Handle, depending on sub-series) | | **Mounting Type** | Panel Mount / Snap-in | | **Mechanism** | Magnetic-Hydraulic | | **Interrupt Capacity** | Typically 1,000A to 5,000A (Application dependent) | | **Standard Compliance** | UL 489, UL 1077, or IEC standards | --- ### 2. Core Electronic Components & Logic The "Magnetic-Hydraulic" nature of the M2AMS2-15A-R differentiates it from standard thermal breakers: 1. **Solenoid Coil:** The heart of the unit is a wire-wound coil. When current flows through it, it creates a magnetic field proportional to the current. 2. **Hydraulic Delay Tube:** Inside the coil is a non-magnetic tube containing a spring-loaded iron core and a damping fluid (silicone). * **Overload Trip:** On moderate overloads, the magnetic field pulls the core through the fluid. The fluid provides a "time delay," preventing nuisance tripping from temporary power surges. * **Short Circuit Trip:** On high currents, the magnetic force is so strong it trips the armature immediately, bypassing the fluid delay for instant protection. 3. **Mechanical Linkage:** A "trip-free" mechanism ensures that the internal contacts will open during an overload even if the external handle is held in the "ON" position. --- ### 3. Part Number Breakdown (Typical Nomenclature) While naming conventions can vary slightly by manufacturer (e.g., Carling Technologies or Airpax), the code generally breaks down as follows: * **M2:** Often denotes the series or physical frame size (Miniature size). * **A:** Actuator type (often refers to a specific rocker or handle style). * **MS2:** Mounting/Circuit configuration (2-pole, Series Trip). * **15A:** The rated current capacity (15 Amps). * **R:** This can signify a specific "Delay Curve" (e.g., Medium Delay) or RoHS compliance. --- ### 4. Advantages in Electronics * **Temperature Stability:** Unlike thermal breakers, magnetic-hydraulic breakers do not trip early in hot environments. They maintain a consistent 15A rating regardless of ambient temperature. * **Precision:** They offer tighter tolerances for trip points compared to fuses. * **Durability:** Designed for high-cycle environments where frequent resetting might be necessary without degrading protection.
    ✨ Follow-up Questions
    • ⤷What is the specific delay curve for the 'R' suffix in this series?
    • ⤷ How does a 2-pole breaker differ from two single-pole breakers in a circuit?
    • ⤷ What are the common industrial applications for 15A magnetic-hydraulic breakers?