データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS2-24-R2/N

  • AI
    The **M2AMS2-24-R2/N** is a specific model within a series of industrial electronic components, typically categorized as a **Signal Conditioner** or **Isolation Amplifier**, often used in automation and process control systems. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications Overview This device is designed to interface between field sensors and control systems (like PLCs) to provide electrical isolation and signal conversion. | Parameter | Specification Details | | :--- | :--- | | **Model Series** | M2 Series (Mini-M) | | **Power Input** | 24V DC | | **Input Signal** | Configurable (Current/Voltage) | | **Output Signal** | Configurable (Current/Voltage) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Mounting** | DIN Rail Mounting | --- ### 2. Core Electronic Components & Functionality The "parts" of this electronic unit work together to ensure signal integrity: * **Input Stage:** Contains high-precision resistors and operational amplifiers to sample the incoming analog signal (e.g., 4-20mA or 0-10V). * **Isolation Barrier:** Utilizes **Optical Isolators** or **Transformers** to provide a galvanic break. This protects sensitive PLC equipment from high-voltage surges or ground loops in the field. * **Power Supply Module:** A DC/DC converter that regulates the 24V DC input to stable internal voltages required for the internal circuitry. * **Output Stage:** Re-generates the signal into the desired format. The "R2" designation often refers to specific output load characteristics or response times. * **Adjustment Potentiometers:** Located on the front panel (Zero and Span), these allow for fine-tuning the electronic calibration of the signal. --- ### 3. Part Number Suffix Breakdown The suffixing follows a standard industrial coding logic: * **24:** Indicates the power supply requirement is **24V DC**. * **R2:** Typically denotes the specific output range or a secondary revision of the circuit board (often 4-20mA or a specific impedance). * **N:** Often indicates the connector type or a specific certification (e.g., standard screw terminals vs. tension-clamp). --- ### 4. Key Electronic Features * **Galvanic Isolation:** Prevents noise interference and ensures safety across different sections of the circuit. * **High Linearity:** Ensures that the output signal is a precise mathematical representation of the input. * **Low Power Consumption:** Optimized for high-density cabinet installations where heat dissipation is a concern. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the 24V DC input?
    • ⤷ Can this model be used to convert 4-20mA to 0-10V?
    • ⤷ What is the dielectric strength of the isolation barrier in this series?