データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS2-2A-R2/N

  • AI
    The **M2AMS2-2A-R2/N** belongs to the **M2AMS series** of modular, plug-in signal conditioners (transmitters) manufactured by **M-System**. Specifically, this model is a **Potentiometer Transmitter**, designed to convert resistance changes from a potentiometer into a standardized DC signal. --- ### ## Component Specification Breakdown The alphanumeric code defines the specific electronic configuration and capabilities of the unit: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **M2AMS** | Model Series | Potentiometer Transmitter (Plug-in type) | | **2** | Input Type | Potentiometer (100 $\Omega$ to 10 k$\Omega$) | | **A** | Output 1 | 4 – 20 mA DC (Source) | | **M2** | Output 2 | 4 – 20 mA DC (Source) | | **-2** | Power Input | 100 – 240V AC | | **A** | Standards | CE marking compliant | | **-R2** | Option | Custom/Specific version (often involves conformal coating or specific lead times) | | **N** | Option | None (Standard configuration) | --- ### ## Internal Electronic Functions The device functions through several distinct electronic stages to ensure signal integrity: 1. **Reference Voltage Circuit:** The unit applies a stable reference voltage across the external potentiometer. 2. **Input Conditioning:** It detects the position of the wiper and converts the fractional resistance into a low-level voltage signal. 3. **Isolation (3-Way):** The unit provides electronic isolation between the **Input**, **Output**, and **Power supply**. This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges. 4. **Signal Conversion:** The internal circuitry linearizes the input and drives a current loop for the outputs. --- ### ## Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Resistance** | Total resistance 100 $\Omega$ to 10 k$\Omega$ | | **Minimum Span** | 10% of total resistance | | **Output 1 & 2** | 4 to 20 mA DC (Max. load 550 $\Omega$) | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 to 90%) | | **Isolation Resistance** | 100 M$\Omega$ or more at 500V DC | | **Dielectric Strength** | 2000V AC @ 1 minute | --- ### ## Terminal Connection Guide The unit is typically mounted on a 10-pin or 11-pin base (depending on the specific socket). ```text Input (Potentiometer): - CW (Clockwise): Terminal 1 - Wiper: Terminal 2 - CCW (Counter-clockwise): Terminal 3 Outputs: - Output 1 (+/-): Terminals 4 & 5 - Output 2 (+/-): Terminals 6 & 7 Power: - L / N: Terminals 10 & 11 ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the 4-20mA outputs?
    • ⤷ How does the 3-way isolation benefit industrial control systems?
    • ⤷ Can this unit be calibrated for a non-linear potentiometer input?