データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS2-2B-R/CE

  • AI
    The **M2AMS2-2B-R/CE** is a high-precision, industrial-grade **Universal Input Digital Panel Meter** (specifically a bargraph-style indicator) manufactured by **M-System**. It is designed to monitor process variables in real-time and provide both visual feedback and electrical signal output. --- ## 1. Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Model Series** | M2AMS (Bargraph Indicator) | | **Display Type** | 101-segment Red LED (Bargraph) + 4-digit LED (Digital) | | **Input Type** | Universal (DC Voltage/Current, Thermocouple, RTD, Potentiometer) | | **Power Input** | 100 – 240V AC (indicated by the 'R' code) | | **Output Type** | 2-point Alarm Output (Relay) | | **Certification** | CE Marking | --- ## 2. Key Electronic Components & Subsystems The internal architecture of the M2AMS series consists of several critical electronic stages: ### A. Input Signal Conditioning The "Universal Input" capability is managed by a high-impedance frontend. - **A/D Converter:** Converts analog process signals (like 4-20mA or 0-10V) into high-resolution digital data. - **Cold Junction Compensation (CJC):** Includes a thermistor circuit to compensate for temperature variations when using Thermocouples. - **Isolation:** Optical or magnetic isolators prevent ground loops between the input, power, and output stages. ### B. Control Logic (Microcontroller) The unit is powered by an **MCU (Microcontroller Unit)** that handles: - **Scaling:** Mapping the input voltage (e.g., 1-5V) to a physical scale (e.g., 0-100%). - **Linearization:** Adjusting non-linear signals from temperature sensors (RTDs/TCs). - **Alarm Logic:** Monitoring setpoints to trigger the physical relays. ### C. Display Drivers - **Bargraph Driver:** Controls 101 individual LED segments to represent the process value as a percentage of the span. - **7-Segment Driver:** Drives the 4-digit numeric display for precise value readings. ### D. Output & Power Section - **Relay Outputs:** The "-2B" suffix indicates **2-point alarm outputs**. These are physical electromechanical relays that act as switches for external sirens, lights, or PLCs. - **Switching Power Supply:** The "R" code indicates a universal AC power module (100-240V AC) that steps down voltage to internal DC levels (typically 5V and 12V). --- ## 3. Configuration & Wiring The device is typically DIN-rail or panel-mounted. Below is a conceptual wiring layout based on the "2-B-R" configuration: ```text Terminal Block Layout (Typical): [1][2] - Power Input (100-240V AC) [3][4] - Alarm Output 1 (Relay Contact) [5][6] - Alarm Output 2 (Relay Contact) [7][8] - Signal Input (+) and (-) [9] - Shield/Ground ``` --- ## 4. Part Number Breakdown * **M2AMS**: Model Series (Bargraph Indicator). * **2**: 2-point Alarm Output. * **B**: Relay Contact (Normally Open/Closed logic). * **R**: Power Input (100 – 240V AC). * **CE**: Confirms compliance with European safety and EMC standards.
    ✨ Follow-up Questions
    • ⤷ What are the specific input signal ranges supported by the M2AMS2-2B-R/CE?
    • ⤷ How do you program the alarm setpoints on this specific model?
    • ⤷ Is there a version of this meter that supports a 4-20mA analog re-transmission output?