データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS2-2B-R2/CE

  • AI
    Based on the part number provided, this typically refers to a **Motive** (formerly KeepTruckin) **Vehicle Gateway** or a specific sub-component/mounting kit used in telematics. In the context of electronic systems, this device acts as an Electronic Logging Device (ELD) and a gateway between a vehicle's engine control module (ECM) and a cloud platform. Below is a breakdown of the electronic components and technical specifications associated with this class of hardware. ### 1. Core Electronic Components The device is a sophisticated embedded system designed for high reliability in automotive environments. | Component Category | Description | | :--- | :--- | | **Processor** | ARM Cortex-based Application Processor for high-speed data processing and encryption. | | **Memory** | Internal Flash storage for logging data when the cellular signal is lost (Store-and-Forward). | | **GNSS Module** | Multi-constellation GPS/GNSS receiver for real-time tracking and geofencing. | | **Cellular Modem** | 4G LTE (with 3G/2G fallback) for cloud synchronization. | | **Connectivity** | Bluetooth Low Energy (BLE) for driver smartphone/tablet pairing and Wi-Fi for bulk data transfer. | | **Sensors** | Integrated 6-axis Accelerometer and Gyroscope for detecting harsh braking, acceleration, and collisions. | --- ### 2. Vehicle Interface & Power The device interfaces directly with the vehicle's diagnostic ports to pull telemetry data. * **CAN Bus Controller:** Dual-channel CAN interface to communicate with J1939 and J1708 heavy-duty protocols. * **Voltage Regulation:** Designed for 12V and 24V vehicle systems, featuring surge protection and transient voltage suppression (TVS) to handle automotive "load dump" events. * **Backup Battery:** A small internal Lithium-Ion/Polymer battery to provide "Last Gasp" alerts if the main vehicle power is disconnected. --- ### 3. Physical & Environmental Specs The "R2/CE" designation often refers to specific regional certifications (like CE for Europe) or hardware revisions. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 9V to 36V DC | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **I/O Ports** | Specialized Molex or Hirose connectors for vehicle bus cables. | | **Enclosure** | UV-stabilized, high-impact polycarbonate. | --- ### 4. Data Protocols Handled The electronics are programmed to interpret the following data streams: 1. **Engine RPM & Speed** 2. **Odometer Readings** 3. **Fuel Level & Consumption** 4. **Diagnostic Trouble Codes (DTCs)** 5. **Engine Hours**
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the M2AMS2-2B connector?
    • ⤷ Does this model support the 5G network or is it limited to 4G LTE?
    • ⤷ How do I perform a hardware reset on this specific gateway model?