データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS2-2D-R

  • AI
    Based on the part number **M2AMS2-2D-R**, this component is a high-performance **Magnetic Angle Sensor** (typically part of the MagAlpha series by Monolithic Power Systems - MPS). These sensors are used to detect the absolute angular position of a permanent magnet, typically a diametrically magnetized cylinder attached to a rotating shaft. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and mechanical characteristics of the M2AMS2-2D-R: | Feature | Specification | | :--- | :--- | | **Sensor Type** | Magnetic Angular Position (Hall Effect based) | | **Resolution** | 12-bit to 14-bit (Depending on configuration) | | **Interface** | SPI (Serial Peripheral Interface), PWM, or Analog | | **Supply Voltage (Vdd)** | 3.3V (Typical) | | **Operating Temperature** | -40°C to +125°C | | **Package** | QFN-16 (3mm x 3mm) | | **Rotation Speed** | Up to 100,000+ RPM | --- ### 2. Functional Electronic Components Inside the "M2AMS2-2D-R" package, several electronic sub-systems work together to provide position data: #### A. Hall Element Array The chip contains a circular array of Hall effect sensors. These detect the vertical and horizontal components of the magnetic field vector. #### B. Front-End Signal Conditioning * **Amplifiers:** Boost the micro-volt signals from the Hall elements. * **ADC (Analog-to-Digital Converter):** Converts the analog magnetic field readings into high-speed digital data. #### C. CORDIC Processor This is the "brain" of the sensor. It uses a **Coordinate Rotation Digital Computer** algorithm to calculate the trigonometric arctangent of the magnetic field, resulting in a precise angle value (0° to 360°). #### D. Non-Volatile Memory (EEPROM/OTP) The "R" in the suffix often indicates high-reliability or specific register settings. The internal memory stores: * **Zero-setting:** Defines the 0° reference point. * **Direction:** Clockwise or Counter-Clockwise incrementing. --- ### 3. Application Circuit Example To integrate this part, a basic decoupling circuit is required. ```cpp // Pseudocode for reading Angle via SPI uint16_t readAngle() { CS_Low(); // Select the Sensor uint16_t rawData = SPI_Transfer(0x0000); // Send NOP, receive Angle CS_High(); // Deselect return (rawData >> 4); // Adjust based on 12-bit resolution } ``` --- ### 4. Typical Use Cases * **Robotics:** Joint position feedback for servo motors. * **Automotive:** Steering angle sensors and electronic throttles. * **Industrial:** Replacement for traditional optical encoders in dusty/oily environments. * **Gimbals:** Precise 3-axis stabilization control.
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting requirements for the magnet relative to the sensor chip?
    • ⤷ How does the M2AMS2-2D-R handle magnetic field interference from nearby motors?
    • ⤷ Can the resolution be adjusted via the SPI interface?