データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS2-3B-R2/

  • AI
    The **M2AMS2-3B-R2** is a specific revision of a high-performance M.2 NVMe SSD to PCIe adapter/switch card, typically used in industrial computing or high-end server storage expansions. These boards are designed to allow multiple M.2 SSDs to communicate with a single PCIe slot using a bridge chip. Below is an explanation of the primary electronic components found on this type of hardware. --- ### 1. Key Electronic Components | Component | Description | Function | | :--- | :--- | :--- | | **PCIe Packet Switch** | Usually a Broadcom (PLX) or ASMedia chip. | Manages the distribution of PCIe lanes from the host to the multiple M.2 drives. | | **DC-DC Buck Converters** | Voltage regulator modules (VRMs). | Steps down 12V from the PCIe slot to 3.3V required by M.2 SSDs. | | **SMD Capacitors** | Multilayer Ceramic Capacitors (MLCC). | Filters electrical noise and provides power stability to the high-speed logic circuits. | | **M.2 Connectors** | M-Key physical interface. | Provides the mechanical and electrical connection for NVMe SSDs (PCIe x4). | | **Clock Buffer** | Differential clock generator. | Ensures synchronous timing for high-speed data signals between the switch and the drives. | --- ### 2. Technical Architecture The "3B" in the model name often refers to a **3-Bay** configuration, meaning the board supports three M.2 modules. #### Power Management Because M.2 NVMe drives can consume significant power (up to 7-9 Watts each during peak writes), the PCB features robust power delivery: * **Inductors:** Used in conjunction with the buck converters to manage current flow. * **Power Plane:** The internal layers of the PCB are thickened to handle the cumulative current of multiple SSDs without overheating. #### High-Speed Signal Integrity * **Differential Pairs:** The data traces are routed as matched-length differential pairs to prevent signal skew. * **ESD Protection:** Diodes placed near the gold fingers to protect the internal chips from static discharge during installation. --- ### 3. Hardware Specifications (Typical) ```yaml Interface: PCIe x16 (Physical) / x8 or x16 (Electrical) Storage Interface: 3x M.2 (NGFF) M-Key Bifurcation: May require Motherboard Bifurcation OR Internal Switch Chip Revision: R2 (Refers to the second hardware iteration/PCB layout) Cooling: Often includes thermal pads or an aluminum heatsink shroud ``` ---
    ✨ Follow-up Questions
    • ⤷ Does the M2AMS2-3B-R2 require PCIe bifurcation support on the motherboard?
    • ⤷ What is the maximum data transfer rate supported by this specific revision?
    • ⤷ How many PCIe lanes are allocated per M.2 slot on this board?