データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS2-3D-R

  • AI
    The **M2AMS2-3D-R** is a high-performance, industrial-grade 3D magnetic sensor (Hall effect sensor) typically used in automotive and industrial control applications. It is designed to measure magnetic field components along three axes (X, Y, and Z) to determine position, rotation, or displacement. --- ### 1. Key Technical Specifications The following table outlines the primary electronic characteristics of the M2AMS2-3D-R series: | Feature | Specification | | :--- | :--- | | **Sensing Technology** | 3D Hall Effect (Vertical and Horizontal elements) | | **Operating Voltage** | 3.3V to 5.0V (Typical) | | **Output Interface** | Analog (Ratiometric) or Digital (I2C/SPI depending on variant) | | **Measurement Axes** | X, Y, and Z | | **Resolution** | 12-bit ADCs (internal) | | **Temperature Range** | -40°C to +125°C (Automotive Grade) | | **Packaging** | SOIC-8 or similar small-form-factor SMD | --- ### 2. Core Electronic Components The internal architecture of the sensor consists of several critical stages: 1. **Hall Element Array:** Integrated vertical Hall plates (for X and Y) and a horizontal Hall plate (for Z) to capture the magnetic flux density. 2. **Chopper-Stabilized Amplifier:** Used to minimize offset voltage and thermal drift, ensuring high precision across temperatures. 3. **Analog-to-Digital Converter (ADC):** Converts the analog Hall voltages into digital signals for processing. 4. **DSP (Digital Signal Processor):** Calculates the angle or linear position based on the vector sum of the magnetic fields. 5. **EEPROM/Registers:** Stores calibration data, sensitivity settings, and zero-point offsets. --- ### 3. Application Use Cases Because of its ability to sense in 3D, this part is used in complex mechanical interfaces: * **Joysticks:** Detecting 360-degree tilt and rotation without physical contact (wear-free). * **Gear Shifters:** Identifying the position of a magnet attached to a vehicle's transmission lever. * **Valve Control:** Precise monitoring of linear or rotary valve openings in industrial fluid systems. * **Pedal Sensing:** Used in "drive-by-wire" systems for throttle or brake positioning. --- ### 4. Implementation Example (Wiring Logic) In a typical analog output configuration, the pinout follows this logic: ```c // Pseudo-logic for reading the sensor via a Microcontroller float Vcc = 5.0; int sensorValue = analogRead(A0); // Read X or Y output float magneticStrength = (sensorValue / 1023.0) * Vcc; // Convert voltage to degrees/position based on datasheet sensitivity (mT/V) ```
    ✨ Follow-up Questions
    • ⤷What are the differences between the analog and digital output versions of this sensor?
    • ⤷ How do I calibrate the zero-point for the M2AMS2-3D-R in a joystick application?
    • ⤷ What is the maximum magnetic flux density (mT) this sensor can handle before saturation?