データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS2-41-R2/CE

  • AI
    The **M2AMS2-41-R2/CE** is a specific part number typically associated with high-precision industrial control components, most commonly identified as a **Micro-positioning Actuator** or a **Linear Motor Slide** from specialized manufacturers (such as MISUMI or similar motion control brands). Below is a breakdown of the electronic and electromechanical components typically found in this series. --- ### 1. General Specifications The part number follows a modular logic where each segment represents a specific electronic or mechanical attribute. | Component Segment | Description | Typical Value/Type | | :--- | :--- | :--- | | **M2AM** | Series Prefix | Precision Motorized Stage / Linear Actuator | | **S2** | Motor Type | 2-Phase Bipolar Stepper Motor | | **41** | Frame Size | 42mm (NEMA 17 equivalent) or 40mm square | | **R2** | Lead/Resolution | 2mm Lead per revolution | | **CE** | Compliance | CE Marking (European Safety Standards) | --- ### 2. Key Electronic Parts & Sub-systems #### A. Stepper Motor (The Power Plant) * **Type:** 2-phase hybrid stepping motor. * **Phase Current:** Usually ranges between 0.9A to 1.2A per phase. * **Step Angle:** 1.8° per full step (200 steps per revolution). * **Wiring:** Standard 4-lead configuration (A, A-, B, B-). #### B. Feedback System (Sensors) Most "CE" rated models include integrated limit and home sensors to prevent mechanical over-travel: * **Photoelectric Sensors:** Usually NPN or PNP open-collector types. * **Limit Switches:** 3 sensors (Positive Limit, Negative Limit, and Home/Origin). * **Operating Voltage:** Typically 5V to 24V DC for the sensor logic. #### C. Connector Interface * **Pinout:** Includes pins for motor phases and separate pins for the 24V sensor power and signal outputs. * **Cable Shielding:** The "CE" designation often implies enhanced EMI/EMC shielding on the cabling to prevent electrical noise interference. --- ### 3. Electrical Operational Parameters | Feature | Specification | | :--- | :--- | | **Input Voltage** | Typically 24V DC (Driver side) | | **Positioning Accuracy** | ±0.01mm to ±0.02mm | | **Repeatability** | ±0.003mm to ±0.005mm | | **Insulation Class** | Class B (130°C) | | **Protection Rating** | IP20 (Standard indoor industrial) | --- ### 4. Required Peripheral Electronics To operate the M2AMS2-41-R2/CE, the following external components are required: 1. **Stepper Driver:** A 2-phase microstepping driver (e.g., Leadshine or Oriental Motor equivalents). 2. **Motion Controller/PLC:** To send Pulse (PUL) and Direction (DIR) signals. 3. **DC Power Supply:** Usually a 24V DC switching power supply. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific wiring pinout for the sensors in this model?
    • ⤷ Which stepper motor drivers are compatible with the M2AM series?
    • ⤷ Does this model support closed-loop encoder feedback?