データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS2-A1-R

  • AI
    The **M2AMS2-A1-R** is a specific part number typically associated with **Advantech**, a major industrial computing company. This part is a professional-grade M.2 expansion module designed to provide secondary display outputs (typically HDMI or DisplayPort) for industrial PCs and embedded systems. --- ### 1. Key Technical Specifications The module acts as a "bridge" between the internal M.2 interface of a motherboard and an external display connector. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2242 (Key B+M) | | **Interface** | PCIe x1 or USB 3.0 (dependent on controller) | | **Output Port** | HDMI or DP (via cabling to bracket) | | **Controller IC** | Often utilizes Silicon Motion (SMI) or Parade Technologies chips | | **Operating Temp** | 0°C to 70°C (Standard Industrial) | | **Max Resolution** | Up to 1920 x 1080 @ 60Hz (FHD) | --- ### 2. Electronic Components & Design The architecture of the M2AMS2-A1-R consists of several critical electronic sub-sections: #### A. The Bridge Controller The heart of the module is an integrated circuit (IC) that converts PCIe or USB signals into a video signal (TMDS for HDMI). This allows systems without spare video headers to add an additional screen. #### B. Power Management (VRM) Since the M.2 slot provides 3.3V, the board includes: * **Voltage Regulators:** To drop/stabilize voltage for the controller chip. * **Decoupling Capacitors:** Small ceramic capacitors used to filter high-frequency noise from the power rail. #### C. Signal Integrity Components * **ESD Protection Diodes:** Located near the output pins to protect the module from static electricity when plugging in cables. * **Oscillator/Crystal:** Provides the clock signal required for video timing and data synchronization. --- ### 3. Connection Layout The module does not usually have a full-sized HDMI port directly on the M.2 PCB due to space constraints. Instead, it follows this physical path: 1. **M.2 Gold Fingers:** Plugs into the motherboard. 2. **Internal Header:** A small pin-header on the M.2 PCB. 3. **Flat Flex Cable (FFC):** Connects the module to a separate metal bracket. 4. **External Connector:** The standard HDMI/DP port mounted on the PC chassis. --- ### 4. Common Use Cases * **Digital Signage:** Adding a second or third screen to a small-form-factor PC. * **Industrial HMI:** Connecting a localized touch-panel to an embedded controller. * **Dual Display Upgrades:** Providing video output for motherboards that only have a single VGA or DVI port.
    ✨ Follow-up Questions
    • ⤷ What is the maximum supported resolution for the M2AMS2-A1-R?
    • ⤷ Does this module require specific drivers for Windows or Linux?
    • ⤷ Can this M.2 module be installed in a standard laptop NVMe slot?