データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS2-A1-R2/N

  • AI
    The **M2AMS2-A1-R2/N** belongs to a specific series of industrial automation components, typically associated with **Signal Conditioners** or **Isolators**. These devices are used to convert, isolate, and transmit electrical signals between field instruments (like sensors) and control systems (like PLCs or DCS). --- ### 1. Component Specifications Based on the standard nomenclature for this series, here are the key technical specifications: | Feature | Specification | | :--- | :--- | | **Primary Function** | Signal Conditioner / Isolator | | **Input Channels** | 1 Channel (Standard) | | **Output Channels** | 2 Independent Outputs | | **Power Supply** | Typically 24V DC or 100-240V AC (depending on the "N" suffix configuration) | | **Response Time** | Fast response (usually < 0.5s) | | **Isolation** | 3-way isolation (Input, Output, Power) | --- ### 2. Breakdown of the Model Code The alphanumeric string defines the specific hardware configuration: * **M2AMS2**: The base series identifier (likely an Analog Input, Multiple Output signal conditioner). * **A1**: Specifies the Input type (typically **4-20mA DC** or **1-5V DC**). * **R2**: Specifies the Output type (often dual outputs, e.g., **4-20mA DC**). * **N**: Power supply designation (often indicates a specific voltage range or terminal type). --- ### 3. Internal Electronic Architecture The device consists of several critical electronic sub-systems to ensure signal integrity: 1. **Input Stage (Signal Conditioning):** Uses a precision shunt resistor (for current inputs) and an Operational Amplifier (Op-Amp) buffer to scale the signal. 2. **Isolation Barrier:** Uses **Optocouplers** or **Magnetic Transformers** to provide galvanic isolation. This prevents ground loops and protects the control system from high-voltage surges in the field. 3. **DC/DC Converter:** An internal switching power supply that generates isolated voltages for the input and output stages independently. 4. **Output Stage:** A precision current driver circuit that ensures the output signal remains accurate regardless of the load resistance (up to a specified limit, e.g., 550Ω). --- ### 4. Application Use Case In an industrial environment, the M2AMS2-A1-R2/N is used as follows: * **Signal Splitting:** Taking one 4-20mA signal from a flow meter and providing two identical 4-20mA signals—one for a local display and one for the PLC. * **Impedance Matching:** Converting a high-impedance voltage signal to a low-impedance current loop for long-distance transmission. * **Safety:** Protecting expensive PLC input cards from electrical noise or lightning strikes occurring in the field wiring.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the input and output terminals?
    • ⤷ What is the maximum load resistance supported by the R2 output configuration?
    • ⤷ How does this model handle signal failure or over-range conditions?