データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS2-AD-R2/N

  • AI
    The **M2AMS2-AD-R2/N** is an industrial-grade, signal-conditioning plug-in module manufactured by **M-System**. It is primarily used for converting industrial analog signals into isolated, usable outputs for PLCs, DCS, or monitoring systems. --- ### 1. Key Technical Specifications The model code determines the specific configuration of the device: | Feature | Specification | | :--- | :--- | | **Primary Function** | Ultra-Slim Signal Conditioner (Isolator) | | **Input Signal** | 4 – 20 mA DC | | **Output 1** | 1 – 5 V DC | | **Output 2** | 4 – 20 mA DC | | **Power Input (AD)** | 100 – 240V AC / 108 – 132V DC | | **Configuration (R2)** | Dual Output (Independent) | | **Standard (N)** | CE Marking not applicable (General use) | --- ### 2. Core Electronic Components & Architecture The module is composed of several critical electronic sub-systems designed for precision and protection: #### A. Isolation Barrier This is the most critical part of the module. It uses **Optical or Galvanic Isolation** to separate the input, output, and power circuits. * **Purpose:** Prevents ground loops and protects sensitive control equipment from high-voltage surges in the field. * **Rating:** Typically provides 2000V AC isolation. #### B. A/D and D/A Conversion The "Signal Conditioning" aspect involves: * **Precision Resistors:** To convert current inputs (mA) into voltage for internal processing. * **Operational Amplifiers (Op-Amps):** Used for linearizing the signal and providing high-impedance buffering. * **Microprocessor/Logic:** Handles the scaling and ensures the dual outputs remain proportional to the input. #### C. Power Supply Section (AD) Since this model accepts a wide range of voltages (100-240V AC), it contains a **Switch-Mode Power Supply (SMPS)** circuit: * **Rectifier Bridge:** Converts AC to DC. * **Filtering Capacitors:** Smooths out the voltage to prevent electronic noise from affecting the signal. --- ### 3. Physical & Connection Layout The device uses a **base socket** design for easy maintenance (you can replace the module without disconnecting wires). ```text Input (Field Device) ----> [ M2AMS2 ] ----> Output 1 (PLC) | +--------> Output 2 (Local Display) ``` ### 4. Application Use Case This specific model is often used when a single 4-20mA sensor signal needs to be sent to two different places simultaneously. For example: 1. **Output 1 (1-5V):** Sent to an older PLC that only accepts voltage. 2. **Output 2 (4-20mA):** Sent to a digital chart recorder for data logging. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M2AMS2 and the M2AS models?
    • ⤷ How do I wire the 100-240V AC power input safely?
    • ⤷ Does this module support HART protocol communication?