データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS2-B2-R2/N

  • AI
    The **M2AMS2-B2-R2/N** is a specific model identifier typically associated with **Delta Electronics** power supplies or industrial power modules. Based on the nomenclature, this is generally a high-efficiency AC/DC power module or a server-grade power supply unit (PSU). --- ### 1. Technical Specifications Overview The electronic components within this unit are designed for high-density power conversion. Below are the typical specifications for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 100V - 240V AC (Universal Input) | | **Output Voltage** | +12V DC (Primary), +12Vsb (Standby) | | **Power Rating** | 800W - 1200W (Varies by specific load) | | **Efficiency** | 80 PLUS Platinum or Titanium equivalent | | **Cooling** | Internal high-speed DC fan (Pulse Width Modulation controlled) | | **Protection** | OVP (Over Voltage), OCP (Over Current), SCP (Short Circuit) | --- ### 2. Key Electronic Component Breakdown The internal circuitry is divided into several critical stages, each utilizing specialized electronic parts: #### A. Input & EMI Filtering Stage * **Bridge Rectifiers:** Converts incoming AC to pulsating DC. * **X/Y Capacitors & Common Mode Chokes:** Suppress Electromagnetic Interference (EMI) to meet regulatory standards. * **MOV (Metal Oxide Varistor):** Protects the unit from high-voltage surges. #### B. Active Power Factor Correction (PFC) * **PFC MOSFETs:** Usually high-performance Silicon (Si) or Gallium Nitride (GaN) transistors for switching. * **Bulk Capacitor:** Large electrolytic capacitor (rated for 420V-450V) to smooth the DC bus. * **PFC Controller IC:** Regulates the current to ensure the power factor stays above 0.9. #### C. DC-DC Conversion & Secondary Side * **Main Transformer:** Provides galvanic isolation and steps down the high-voltage DC. * **Synchronous Rectifiers:** Low $R_{DS(on)}$ MOSFETs used on the secondary side instead of diodes to minimize heat and maximize efficiency. * **Filter Inductors & Solid Capacitors:** Used for output smoothing to ensure low ripple and noise. #### D. Control and Communication * **Microcontroller / DSP:** Manages the digital control loop. * **PMBus / I2C Interface:** Allows the system to monitor real-time data such as temperature, fan speed, and power consumption. --- ### 3. Connection Pinout & Physical Interface The **"R2/N"** suffix often refers to the revision and the mechanical interface (typically a "Gold Finger" or "Card Edge" connector for hot-swappable server chassis). ```json { "connector_type": "Edge Card", "signals": ["12V Power", "GND", "PS_ON", "SDA/SCL (I2C)", "Alert"] } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power output rating for the R2 revision specifically?
    • ⤷ Does this model support the PMBus 1.2 communication protocol?
    • ⤷ Is this power supply compatible with standard ATX motherboards via an adapter?