データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS2-B4-R2/N

  • AI
    The **M2AMS2-B4-R2/N** appears to be a specific model designation within an industrial automation or sensor series (often associated with brands like **Contrinex** or similar high-end sensor manufacturers). Based on the standard nomenclature for industrial M2-series sensors, here is the breakdown of its electronic components and specifications. --- ### 1. Technical Specifications Table | Feature | Specification | Description | | :--- | :--- | :--- | | **Housing Size** | M12 | Cylindrical threaded body (12mm diameter) | | **Output Type** | PNP | Positive logic switching | | **Output State** | Antivalent (NO + NC) | Provides both Normally Open and Normally Closed signals | | **Connection** | M12 Connector (4-pin) | Standard industrial circular connector | | **Mounting** | Quasi-Embeddable | Can be mounted near metal with minimal clearance | | **Supply Voltage** | 10 ... 30 VDC | Standard DC operating range | | **Switching Frequency** | Up to 1000 Hz | High-speed detection capability | --- ### 2. Core Electronic Components The device is an **Inductive Proximity Sensor**. Its internal electronic architecture consists of the following stages: #### A. The Oscillator Stage - **LC Resonant Circuit:** Consists of a high-quality ferrite core and a copper coil. This generates a high-frequency electromagnetic field at the sensing face. - **Magnetic Flux:** When a metallic object enters this field, eddy currents are induced in the target, reducing the amplitude of the oscillations. #### B. The Evaluator / Trigger Circuit - **Schmitt Trigger:** This component converts the analog drop in oscillation into a discrete digital signal. It ensures "snap-action" switching to prevent "chattering" when a target is at the edge of the sensing range. #### C. The Output Stage (The "R2/N" Logic) - **Transistor Logic:** Uses dual transistors to provide **Antivalent** outputs. - **Pin 4 (Black):** Normally Open (NO) - **Pin 2 (White):** Normally Closed (NC) - **Protection Circuits:** Includes short-circuit protection, induction protection (for driving relays), and reverse polarity protection. --- ### 3. Wiring Configuration (M12 4-Pin) | Pin Number | Color | Function | | :--- | :--- | :--- | | **1** | Brown | +VCC (10-30V) | | **2** | White | Output 2 (NC) | | **3** | Blue | 0V (GND) | | **4** | Black | Output 1 (NO) | --- ### 4. Application Context Because of the **R2/N** suffix indicating antivalent outputs, this part is electronically designed for **safety-critical or dual-check applications**. If one output fails to trigger while the other does, the PLC can detect a sensor fault, enhancing the reliability of the automation system.
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing distance for the M2AMS2-B4-R2/N model?
    • ⤷ How does an 'antivalent' output differ from a standard complementary output?
    • ⤷ What is the IP rating for this specific sensor housing?