データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS2-BB-R/CE

  • AI
    The **M2AMS2-BB-R/CE** is a specialized electronic component, specifically a **M-System (by MG CO., LTD.) M2 Series Miniature Signal Conditioner**. Its primary function is to isolate and convert analog signals in industrial automation systems. --- ### 1. Specification Overview The model number breaks down into specific technical attributes: | Component Part | Value/Type | Description | | :--- | :--- | :--- | | **Model Series** | M2AMS2 | Ultra-slim Analog Input/Output Signal Conditioner | | **Input Type** | 4 – 20 mA DC | Standard industrial current loop | | **Output Type** | 4 – 20 mA DC | Isolated current output | | **Power Input** | 100 – 240V AC | Wide-range universal AC power supply | | **Certification** | CE | Compliant with European safety/EMC standards | --- ### 2. Key Internal Electronic Features * **Galvanic Isolation:** This device provides 3-way isolation (Input to Output to Power). It uses optoisolators or magnetic transformers to ensure that electrical noise or surges on the input side do not damage the PLC or controller on the output side. * **Precision Amplification:** Utilizes high-precision operational amplifiers to maintain signal integrity with a standard linearity error of approximately $\pm0.1\%$. * **Signal Conversion:** It acts as a "buffer." If the input signal is weak or burdened by high impedance, the M2AMS2 regenerates the signal to drive the next stage of the circuit. * **Form Factor:** Designed for DIN-rail mounting with a "plug-in" base, allowing for the electronic module to be replaced without disconnecting the field wiring. --- ### 3. Technical Parameters | Feature | Specification | | :--- | :--- | | **Response Time** | $\leq$ 0.5 seconds (0 – 90%) | | **Insulation Resistance** | 100 M$\Omega$ or more with 500V DC | | **Dielectric Strength** | 2000V AC @ 1 minute | | **Operating Temp** | -5 to +55 °C (23 to 131 °F) | | **Mounting** | Surface or DIN rail | --- ### 4. Circuit Application Example In a typical industrial setup, the device is wired as follows: ```mermaid graph LR A[Sensor 4-20mA] --> B[M2AMS2 Input] B --> C{Isolation Barrier} C --> D[M2AMS2 Output] D --> E[PLC / DCS System] F[100-240V AC] --> B ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring terminal assignments for the M2AMS2-BB-R?
    • ⤷ How does 3-way isolation differ from 2-way isolation in this model?
    • ⤷ Can this unit be used to convert 0-10V signals instead of 4-20mA?