データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS2-BC-R/N

  • AI
    The **M2AMS2-BC-R/N** is a specialized electronic module primarily associated with **industrial signaling and status monitoring**. It is commonly found in tower light assemblies (stack lights) or modular indicator systems used in automation. Below is a breakdown of its electronic characteristics and functional components. --- ### 1. General Specifications This part functions as a base or connection unit for modular signal towers. | Feature | Specification | | :--- | :--- | | **Type** | Modular Base Unit | | **Mounting** | Pole Mount / Surface Mount | | **Wiring Connection** | Terminal Block / Lead Wires | | **Compatibility** | LED or Xenon modular lenses | | **Body Color** | Black (Indicated by the "B" in the code) | --- ### 2. Internal Electronic Components The internal circuitry of this part focuses on power distribution and signal routing. * **Integrated Terminal Block:** Contains screw-down or spring-clamp terminals to receive discrete inputs from a PLC (Programmable Logic Controller) or manual switch. * **Common Anode/Cathode Bus:** A shared rail that distributes the common ground or positive line across all stacked modules (Red, Amber, Green, etc.). * **Protection Circuitry:** Often includes basic surge protection or noise filtering to prevent transient voltages from the industrial environment from flickering the LEDs. * **Contact Pins:** Gold-plated or nickel-plated vertical pins that provide a mechanical and electrical interface to the signal modules stacked on top. --- ### 3. Electrical Operational Parameters Understanding the electrical limits is crucial for preventing component failure. * **Voltage Range:** Typically supports **12V DC, 24V AC/DC, or 110V/220V AC** depending on the specific sub-model configuration. * **Current Draw:** The base itself has negligible current draw; however, it is rated to handle the cumulative current of up to 5 stacked modules (usually ~20mA to 50mA per LED module). * **Insulation Resistance:** Designed for high-voltage isolation (often >100MΩ) to ensure safety in industrial panels. --- ### 4. Part Number Breakdown (Nomenclature) The suffix codes often define specific electronic configurations: 1. **M2A:** Series identifier (Modular 2nd Generation). 2. **MS2:** Mounting style (likely Pole or Direct). 3. **BC:** Body Color (Black). 4. **R/N:** * **R:** Often denotes "Red" or "Reverse" logic in some configurations. * **N:** Usually indicates an NPN transistor compatibility (Sinking input) or a "Normal" configuration. --- ### 5. Application Circuit Example To use this part, you typically wire it as follows: ```mermaid graph LR PLC_Output[PLC Output 24V] --> Terminal_1[Terminal 1: Red Module] PLC_Output2[PLC Output 24V] --> Terminal_2[Terminal 2: Green Module] DC_GND[Common Ground] --> Terminal_C[Terminal C: Common] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum number of modules that can be stacked on this base?
    • ⤷ Does this model support flashing/buzzer functions internally or via separate modules?
    • ⤷ What is the IP rating for the M2AMS2-BC-R/N in industrial environments?