データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AMS2-BC-R2/N

  • AI
    The **M2AMS2-BC-R2/N** is a specific industrial-grade expansion module, typically associated with serial communication or interface conversion (often found in the context of Advantech or similar industrial computing ecosystems). Based on the technical nomenclature, here is the breakdown of its electronic components and specifications. --- ### 1. General Specifications The device is primarily an **M.2 to Serial Port (RS-232/422/485) expansion card**. It allows a host system with an M.2 slot to communicate with legacy industrial hardware. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2242 (Key B+M) | | **Interface** | PCIe or USB based (depending on the internal bridge) | | **I/O Ports** | 2-Port RS-232/422/485 | | **Baud Rate** | 50 bps to 921.6 Kbps | | **Operating Temp** | -40°C ~ 85°C (Industrial Grade) | --- ### 2. Key Electronic Components The internal circuitry of this module consists of three main stages: #### A. The Bridge Controller (UART) The heart of the module is usually an **XR17V352** or a similar **Exar/MaxLinear PCIe-to-UART** controller. - **Function:** It translates the PCIe bus signals from the M.2 slot into asynchronous serial data. - **Buffer:** Includes a deep FIFO (typically 256 bytes) to prevent data loss at high speeds. #### B. Transceivers (Line Drivers) Since internal logic operates at 3.3V, transceivers are used to convert these signals to the higher voltage levels required by RS-232 or the differential signals for RS-422/485. - **Protection:** Usually features 15kV ESD protection for each signal line. - **Auto-Flow Control:** Manages the direction of data in RS-485 mode (half-duplex). #### C. Power Management - **LDO Regulators:** Converts the 3.3V provided by the M.2 slot to the specific voltages required by the UART chip and the isolation barriers. - **Filtering:** Includes decoupling capacitors and ferrite beads to minimize EMI (Electromagnetic Interference) in noisy industrial environments. --- ### 3. Pinout and Connectivity The module connects to external DB9 or DB11 headers via specialized ribbon cables. ```markdown M.2 Slot (PCIe/USB) -> Bridge IC -> Isolation/Transceiver -> Physical Header (RS-232/422/485) ``` ### 4. Comparison of Communication Modes | Mode | Distance | Type | Logic | | :--- | :--- | :--- | :--- | | **RS-232** | Up to 15m | Single-ended | +/- 12V | | **RS-422** | Up to 1200m | Differential | 0 - 5V | | **RS-485** | Up to 1200m | Multi-drop | 0 - 5V | ---
    ✨ Follow-up Questions
    • ⤷ What are the driver requirements for the M2AMS2-BC-R2/N on Linux versus Windows?
    • ⤷ Does this specific model support optical isolation for ground loop protection?
    • ⤷ How do I configure the jumpers or software to switch between RS-232 and RS-485 modes?